Electronic Components Datasheet Search
  English  ▼

X  

FTS2015 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FTS2015
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FTS2015 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FTS2015 Datasheet HTML 1Page - Sanyo Semicon Device FTS2015 Datasheet HTML 2Page - Sanyo Semicon Device FTS2015 Datasheet HTML 3Page - Sanyo Semicon Device FTS2015 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FTS2015
No.6667-1/4
Features
•
Low ON-resistance.
•
2.5V drive.
•
Mount height 1.1mm.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN6667
FTS2015
Package Dimensions
unit : mm
2147A
[FTS2015]
82200 TS IM TA-2895
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
N-Channel Silicon MOSFET
Ultrahigh-Speed Switching Applications
1 : Drain
2 : Source
3 : Source
4 : Gate
5 : Drain
6 : Source
7 : Source
8 : Drain
SANYO : TSSOP8
3.0
0.425
0.65
0.125
85
14
0.25
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
30
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
7A
Drain Current (Pulse)
IDP
PW
≤10µs, duty cycle≤1%
28
A
Allowable Power Dissipation
PD
Mounted on a ceramic board (1000mm
2!0.8mm)
1.3
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0
30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0
1
µA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0
±10
µA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
0.4
1.3
V
Forward Transfer Admittance
|yfs|
VDS=10V, ID=7A
15
22
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=7A, VGS=4V
16
21
m
Ω
RDS(on)2
ID=2A, VGS=2.5V
22
31
m
Ω
Marking : S2015
Continued on next page.


Similar Part No. - FTS2015

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FTS2011 SANYO-FTS2011 Datasheet
41Kb / 4P
Load Switching Applications
FTS2012 SANYO-FTS2012 Datasheet
41Kb / 4P
Ultrahigh-Speed Switching Applications
More results

Similar Description - FTS2015

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
Ultrahigh-Speed Switching Applications
2SK2628LS SANYO-2SK2628LS Datasheet
28Kb / 4P
Ultrahigh-Speed Switching Applications
3LN01M SANYO-3LN01M Datasheet
41Kb / 4P
Ultrahigh-Speed Switching Applications
CPH3418 SANYO-CPH3418 Datasheet
27Kb / 4P
Ultrahigh-Speed Switching Applications
2SK3614 SANYO-2SK3614 Datasheet
59Kb / 4P
UltraHigh-Speed Switching Applications
2SK3486 SANYO-2SK3486 Datasheet
37Kb / 4P
Ultrahigh-Speed Switching Applications
MCH3445 SANYO-MCH3445 Datasheet
46Kb / 3P
Ultrahigh-Speed Switching Applications
CPH6412 SANYO-CPH6412 Datasheet
37Kb / 4P
Ultrahigh-Speed Switching Applications
FTS1011 SANYO-FTS1011 Datasheet
31Kb / 4P
Ultrahigh-Speed Switching Applications
MCH3319 SANYO-MCH3319 Datasheet
33Kb / 4P
Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com