Electronic Components Datasheet Search
  English  ▼

X  

FW103 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FW103
Description  Ultrahigh-Speed Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW103 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FW103 Datasheet HTML 1Page - Sanyo Semicon Device FW103 Datasheet HTML 2Page - Sanyo Semicon Device FW103 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Turn-ON Delay Time
td(on)
See specified Test Circuit.
20
ns
Rise Time
tr
″
110
ns
Turn-OFF Delay Time
td(off)
″
330
ns
Fall Time
tf
″
170
ns
Diode Forward Voltage
VSD
IS=–3A, VGS=0
–1.0
–1.2
V
Switching Time Test Circuit
Electrical Connection
(Top view)
FW103
No.5305-2/3
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
A S O
10
1.0
2
3
5
7
2
3
5
2
3
5
7
1.0
0.1
10
7
7
2
5
3
7
2
5
3
7
2
5
3
5
IDP
ID
1m
s
10
ms
100
ms
1.0
1.2
1.4
1.6
1.8
0.8
0.6
0.4
0.2
0
0
0.6
0.8
1.0
0.4
0.2
1.2
1.4
1.6
1.8
1.7
P D(FET 2) – P D(FET1)
Drain-to-Source Voltage, VDS – V
Operation in this area
is limited by RDS(on).
10
µs
100µ
s
Mounted on a ceramic board (1000mm2
×0.8mm)
To
tal
dis
sip
atio
n
Per
uni
t d
issi
pati
on
M
ou
nte
d
on
a c
era
m
ic
bo
ard
(10
00
m
m
2
×
0.8
m
m
)
M
oun
ted
on
a ce
ram
ic b
oard
(10
00m
m
2
×0
.8m
m)
Allowable Power Dissipation, PD(FET1) – W
80
100
120
140
160
60
40
20
0
0
0.8
1.2
0.4
1.6
1.7
2.0
2.4
P D – Ta
Ambient Temperature, Ta –
°C
Ta=25
°C
1pulse
1unit



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com