Electronic Components Datasheet Search
  English  ▼

X  

FW111 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FW111
Description  Load S/W Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW111 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FW111 Datasheet HTML 1Page - Sanyo Semicon Device FW111 Datasheet HTML 2Page - Sanyo Semicon Device FW111 Datasheet HTML 3Page - Sanyo Semicon Device FW111 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
No.5909-2/4
FW111
Ta=25˚C
-2A
ID= -5A
-2V
VGS=-1.5V
25˚C
VDS= -10V
75˚C
Ta
=-
25˚C
25˚C
VDS= -10V
Drain Current, ID –A
Drain-to-Source Voltage,VDS –V
Gate-to-Source Voltage, VGS –V
Gate-to-Source Voltage, VGS –V
I D - VDS
RDS(on) - VGS
I D - VGS
| yfs | - I D
-1
0
-2
-3
-4
-5
-6
-2
-4
-8
-9
-6
-1
-3
-7
-5
-10
0
0
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
-0.7
-0.8
-0.9
-1.0
0
-0.5
-1.0
-1.5
-2.0
-2.5
-0.01
2
3
5
7
0.1
1.0
2
3
5
7
10
2
3
5
7
100
10
20
30
40
60
70
80
90
100
50
0
23
5 7 -0.1
23
5 7 -1.0
23
2
57 -10
0
-1-2-3-4-5-6-7-8-9
-10
50
Ω
P.G
FW111
S
G
D
VOUT
VDD=–10V
VIN
ID=–5A
RL=2Ω
PW=10
µs
D.C.
≤1%
VIN
0V
–4V
Switching Time Test Circuit
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
Tt
)
n
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
S
e
e
S0
2s
n
e
m
i
T
e
s
i
Rtr
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
S
e
e
S5
1
1s
n
e
m
i
T
y
a
l
e
D
F
F
O
-
n
r
u
Tt
)
f
f
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
S
e
e
S0
1
1s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
S
e
e
S5
0
1s
n
e
g
r
a
h
C
e
t
a
G
l
a
t
o
Tg
Q
V S
D
V
,
V
0
1
–
=
S
G
I
,
V
0
1
–
=
D
A
5
–
=
0
3C
n
e
g
r
a
h
C
e
c
r
u
o
S
-
o
t
-
e
t
a
Gs
g
Q
5C
n
e
g
r
a
h
C
"
r
e
ll
i
M
"
n
i
a
r
D
-
o
t
-
e
t
a
Gd
g
Q
7C
n
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
DV D
S
IS
V
,
A
5
–
=
S
G
0
=0
.
1
–5
.
1
–V
Continued from preceding page.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com