Electronic Components Datasheet Search
  English  ▼

X  

TLE7273-2 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE7273-2
Description  Low Dropout Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7273-2 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE7273-2 Datasheet HTML 8Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 9Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 10Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 11Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 12Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 13Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 14Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 15Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
TLE7273-2
Block Description and Electrical Characteristics
Data Sheet
12
Rev. 1.2, 2009-04-28
5.2.17
Low Level Input Voltage
V
EN,L
–
–
0.5
V
V
Q = 0.02 V; IQ = 5 mA;
T
j < 125 °C
5.2.18
–
–
0.3
V
V
Q = 0.02 V; IQ = 5 mA
5.2.19
High Level Input Current
I
EN,H
–
3
4
µA
V
EN = 5 V
Watchdog Mode Bit 1
5.2.20
High Level Input Voltage
V
WM1,H
4.00
–
–
V
TLE7273-2GV50,
TLE7273-2EV50
5.2.21
2.65
–
–
V
TLE7273-2GV33
5.2.22
2.30
–
–
V
TLE7273-2GV26
5.2.23
Low Level Input Voltage
V
WM1,L
–
–
0.80
V
Watchdog Mode Bit 2
5.2.24
High Level Input Voltage
V
WM2,H
4.00
–
–
V
TLE7273-2GV50,
TLE7273-2EV50
5.2.25
2.65
–
–
V
TLE7273-2GV33
5.2.26
2.30
–
–
V
TLE7273-2GV26
5.2.27
Low Level Input Voltage
V
WM2,L
–
–
0.80
V
Watchdog Input WDI
5.2.28
High Level Input Voltage
VWDI,H
4.00
–
–
V
TLE7273-2GV50,
TLE7273-2EV50
5.2.29
2.65
–
–
V
TLE7273-2GV33
5.2.30
2.30
–
–
V
TLE7273-2GV26
5.2.31
Low Level Input Voltage
VWDI,L
–
–
0.80
V
5.2.32
High Level Input Current
IWDI,H
–
3
4
µA
VWDI = 5 V
5.2.33
Low Level Input Current
IWD,IL
–
0.5
1
µA
VWDI = 0 V
T
j < 80 °C
5.2.34
Watchdog Sampling Time
t
sam
0.40
0.50
0.60
ms
Fast Watchdog Timing
5.2.35
0.80
1.00
1.20
ms
Slow Watchdog Timing
5.2.36
Ignore Window Time
tIW
25.6
32.0
38.4
ms
Fast Watchdog Timing
5.2.37
51.2
64.0
76.8
ms
Slow Watchdog Timing
5.2.38
Open Window Time
t
OW
25.6
32.0
38.4
ms
Fast Watchdog Timing
5.2.39
51.2
64.0
76.8
ms
Slow Watchdog Timing
5.2.40
Closed Window Time
t
CW
25.6
32.0
38.4
ms
Fast Watchdog Timing
5.2.41
51.2
64.0
76.8
ms
Slow Watchdog Timing
5.2.42
Window Watchdog Trigger Time2)
tWD
–
48
–
ms
Fast Watchdog Timing
5.2.43
–
96
–
ms
Slow Watchdog Timing
Electrical Characteristics
V
I =13.5 V; – 40
°C < T
j < 150
°C; unless otherwise specified
Pos.
Parameter
Symbol Limit Values
Unit Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com