Electronic Components Datasheet Search
  English  ▼

X  

FW115 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FW115
Description  S/W Load Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW115 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FW115 Datasheet HTML 1Page - Sanyo Semicon Device FW115 Datasheet HTML 2Page - Sanyo Semicon Device FW115 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FW115
No.5849-2/3
Switching Time Test Circuit
50
Ω
P.G
S
G
D
VOUT
VDD=–15V
VIN
ID=–3A
RL=5Ω
PW=10
µs
D.C.
≤1%
VIN
0V
–10V
I D - VDS
RDS(on) - Tc
RDS(on) - VGS
I D - VGS
| yfs |
- I D
I F - VSD
–3.5V
VGS= – 3.0V
VDS=-10V
ID=–1
A, V
GS
=–4
V
ID=-3A,
VGS=-10V
25˚C
75˚C
VDS=–10V
VGS=0
Tc = 25˚C
ID=–1A
ID=–3A
Ta
=-
25˚C
-0.01
2
2
3
3
5
5
7
7
-0.1
0.01
0.1
2
3
5
7
1.0
2
3
5
7
10
2
3
5
7
-0.01
-0.1
2
3
5
7
-1.0
2
3
5
7
-10
23
5 7 -1.0
23
5 7 -10
0
-0.1
-0.5
-1.0
-1.5
-2.0
-2.5
-3.5
-3.0
0
-0.2
-0.3
-0.4
-0.5
-0.6
-0.7
-0.8
-0.9
-1.0
0
-0.5
-1
-2
-3
-4
-5
-6
0
-1.0
-1.5
-2.0
-2.5
-3.0
-4.0
-3.5
0-2
40
80
120
160
200
0
-4
-6
-8
-10
-12
-14
-16
-18
-20
0
-0.2
-0.4
-0.6
-0.8
-1.4
-1.2
-1.0
-60
-40
20
40
60
80
200
180
160
140
120
100
0
-20
0
20
40
60
80
100
120
140
Drain Current, ID -A
Drain-to-Source Voltage, VDS - V
Gate-to-Source Voltage, VDS -V
Gate-to-Source Voltage,VGS - V
Case Temperature, Tc - ˚C
Diode Forward Voltage, VSD –V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com