Electronic Components Datasheet Search
  English  ▼

X  

TLE42694 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE42694
Description  Low Dropout Fixed Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42694 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE42694 Datasheet HTML 18Page - Infineon Technologies AG TLE42694 Datasheet HTML 19Page - Infineon Technologies AG TLE42694 Datasheet HTML 20Page - Infineon Technologies AG TLE42694 Datasheet HTML 21Page - Infineon Technologies AG TLE42694 Datasheet HTML 22Page - Infineon Technologies AG TLE42694 Datasheet HTML 23Page - Infineon Technologies AG TLE42694 Datasheet HTML 24Page - Infineon Technologies AG TLE42694 Datasheet HTML 25Page - Infineon Technologies AG TLE42694 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
Power On Reset Delay Time
t
rd
versus Capacitance
C
D
13_trd_CD.vsd
0
10
20
30
40
50
60
70
0
50
100
150
200
250
C D [nF]
Tj = 25 °C
TLE42694
Block Description and Electrical Characteristics
Data Sheet
22
Rev. 1.1, 2008-10-07
Typical Performance Characteristics
Power On Reset Delay Time
t
rd
versus Junction Temperature
T
j
12_TRD_TJ.VSD
0
5
10
15
20
25
30
35
-40
0
40
80
120
160
T j [°C]
C D = 100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com