Electronic Components Datasheet Search
  English  ▼

X  

TLE42694G Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE42694G
Description  Low Dropout Fixed Voltage Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42694G Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE42694G Datasheet HTML 8Page - Infineon Technologies AG TLE42694G Datasheet HTML 9Page - Infineon Technologies AG TLE42694G Datasheet HTML 10Page - Infineon Technologies AG TLE42694G Datasheet HTML 11Page - Infineon Technologies AG TLE42694G Datasheet HTML 12Page - Infineon Technologies AG TLE42694G Datasheet HTML 13Page - Infineon Technologies AG TLE42694G Datasheet HTML 14Page - Infineon Technologies AG TLE42694G Datasheet HTML 15Page - Infineon Technologies AG TLE42694G Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Electrical Characteristics Voltage Regulator
V
I = 13.5 V, -40 °C ≤ Tj ≤150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Output Voltage
V
Q
4.9
5.0
5.1
V
100 µA <
I
Q <
100 mA
6 V
< V
I < 18 V
Output Current Limitation
I
Q,max
150
200
500
mA
V
Q = 4.8V
Load Regulation
steady-state
∆VQ,load
-30
-15
–
mV
I
Q = 5 mA to
100 mA
V
I = 6 V
Line Regulation
steady-state
∆VQ,line
–
10
40
mV
V
I = 6 V to 32 V
I
Q = 5 mA
Dropout Voltage
1) measured when the output voltage
V
Q has dropped 100mV from the nominal value obtained at VI = 13.5V
1)
Vdr = VI - VQ
V
dr
–
250
500
mV
I
Q = 100 mA
Overtemperature Shutdown
Threshold
T
j,sd
151
–
200
°C
T
j increasing
2) not subject to production test, specified by design
Overtemperature Shutdown
Threshold Hysteresis
T
j,sdh
–
15
–
°C
T
j decreasing
2)
Power Supply Ripple Rejection2)
PSRR
–
70
–
dB
fripple = 100 Hz
Vripple = 0.5 Vpp
2)
TLE42694
Block Description and Electrical Characteristics
Data Sheet
12
Rev. 1.1, 2008-10-07
5.1.1
5.1.2
5.1.3
5.1.4
5.1.5
5.1.6
5.1.7
5.1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com