Electronic Components Datasheet Search
  English  ▼

X  

TLE42754 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE42754
Description  Low Dropout Linear Fixed Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42754 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE42754 Datasheet HTML 5Page - Infineon Technologies AG TLE42754 Datasheet HTML 6Page - Infineon Technologies AG TLE42754 Datasheet HTML 7Page - Infineon Technologies AG TLE42754 Datasheet HTML 8Page - Infineon Technologies AG TLE42754 Datasheet HTML 9Page - Infineon Technologies AG TLE42754 Datasheet HTML 10Page - Infineon Technologies AG TLE42754 Datasheet HTML 11Page - Infineon Technologies AG TLE42754 Datasheet HTML 12Page - Infineon Technologies AG TLE42754 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
9
Rev. 1.0, 2008-05-29
TLE42754
Block Description and Electrical Characteristics
5
Block Description and Electrical Characteristics
5.1
Voltage Regulator
The output voltage
V
Q is controlled by comparing a portion of it to an internal reference and driving a PNP pass
transistor accordingly. The control loop stability depends on the output capacitor
C
Q, the load current, the chip
temperature and the poles/zeros introduced by the integrated circuit. To ensure stable operation, the output
capacitor’s capacitance and its equivalent series resistor ESR requirements given in the table “Functional
Range” on Page 7 have to be maintained. For details see also the typical performance graph “Output Capacitor
Series Resistor ESR(CQ) versus Output Current IQ” on Page 12. As the output capacitor also has to buffer
load steps it should be sized according to the application’s needs.
An input capacitor
C
I is strongly recommended to compensate line influences. Connect the capacitors close to the
component’s terminals.
A protection circuitry prevent the IC as well as the application from destruction in case of catastrophic events.
These safeguards contain an output current limitation, a reverse polarity protection as well as a thermal shutdown
in case of overtemperature.
In order to avoid excessive power dissipation that could never be handled by the pass element and the package,
the maximum output current is decreased at input voltages above
V
I =28V.
The thermal shutdown circuit prevents the IC from immediate destruction under fault conditions (e.g. output
continuously short-circuited) by switching off the power stage. After the chip has cooled down, the regulator
restarts. This leads to an oscillatory behaviour of the output voltage until the fault is removed. However, junction
temperatures above 150 °C are outside the maximum ratings and therefore significantly reduce the IC’s lifetime.
The TLE42754 allows a negative supply voltage. In this fault condition, small currents are flowing into the IC,
increasing its junction temperature. This has to be considered for the thermal design, respecting that the thermal
protection circuit is not operating during reverse polarity conditions.
Figure 3
Voltage Regulator
Bandgap
Reference
GND
Q
I
BlockDiagram_VoltageRegulator.vsd
Saturation Control
Current Limitation
Temperature
Shutdown
CQ
ESR
C
}
LOAD
Supply
C
I
Regulated
Output Voltage
I
Q
I
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com