Electronic Components Datasheet Search
  English  ▼

X  

TLE42994 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE42994
Description  Low Dropout Fixed Voltage Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE42994 Datasheet HTML 12Page - Infineon Technologies AG TLE42994 Datasheet HTML 13Page - Infineon Technologies AG TLE42994 Datasheet HTML 14Page - Infineon Technologies AG TLE42994 Datasheet HTML 15Page - Infineon Technologies AG TLE42994 Datasheet HTML 16Page - Infineon Technologies AG TLE42994 Datasheet HTML 17Page - Infineon Technologies AG TLE42994 Datasheet HTML 18Page - Infineon Technologies AG TLE42994 Datasheet HTML 19Page - Infineon Technologies AG TLE42994 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
TLE42994
Block Description and Electrical Characteristics
Data Sheet
16
Rev. 1.1, 2009-05-19
5.4
Current Consumption
Electrical Characteristics Voltage Regulator
V
I = 13.5 V, -40 °C ≤ Tj ≤150 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.4.1
Current Consumption
I
q = II - IQ
I
q
––
1
µA
VEN =0V
TLE42994GM and
TLE42994E only
T
j = 25 °C
5.4.2
–
65
100
µA
Enable HIGH
I
Q = 100 µA
T
j = 25 °C
5.4.3
–
65
105
µA
Enable HIGH
I
Q = 100 µA
T
j ≤ 85 °C
5.4.4
–
0.17
0.5
mA
Enable HIGH
I
Q = 10 mA
5.4.5
–
0.7
2
mA
Enable HIGH
I
Q = 50 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com