Electronic Components Datasheet Search
  English  ▼

X  

FW211 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FW211
Description  DC-DC Converter Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW211 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FW211 Datasheet HTML 1Page - Sanyo Semicon Device FW211 Datasheet HTML 2Page - Sanyo Semicon Device FW211 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FW211
No.5579-2/3
0.01
2
2
3
3
5
5
7
7
0.1
0.1
1.0
2
3
5
7
10
2
3
5
7
100
2
3
5
7
0.01
0.1
2
3
5
7
1.0
2
3
5
7
10
23 5 7 1.0 23 5 7 10
23
5 7 100
01
10
20
30
40
50
60
0
23456789
10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-60
-40
10
20
30
40
50
80
70
60
0
-20
0
20
40
60
80
100
120
140
RDS(on) - Tc
RDS(on) - VGS
|yfs | - I D
I F - VSD
ID=5A
2A
ID=2A,V
GS=2.5V
ID=5A,
VGS=4V
25˚C
75˚C
VDS=10V
VGS=0
Tc = 25˚C
Ta
=-
25˚C
Drain Current, ID –A
0
0.1
1
2
3
4
5
6
7
8
0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
0.2
1
2
3
4
5
6
7
10
9
8
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
I D - VDS
I D - VGS
1.5V
VGS=1V
VDS=10V
Drain-to-Source Voltage,VDS –V
Gate-to-Source Voltage, VGS –V
Gate-to-Source Voltage, VGS –V
Case Temperature, Tc – ˚C
Diode Forward Voltage, VSD –V
50
Ω
P.G
FW211
S
G
D
VOUT
VDD=10V
VIN
ID=5A
RL=2Ω
PW=10
µs
D.C.
≤1%
VIN
4V
0V
Switching Time Test Circuit



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com