Electronic Components Datasheet Search
  English  ▼

X  

HMC813 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC813
Description  SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA) WITH LIMITED RF OUTPUT, 1 - 26 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC813 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC813 Datasheet HTML 1Page - Hittite Microwave Corporation HMC813 Datasheet HTML 2Page - Hittite Microwave Corporation HMC813 Datasheet HTML 3Page - Hittite Microwave Corporation HMC813 Datasheet HTML 4Page - Hittite Microwave Corporation HMC813 Datasheet HTML 5Page - Hittite Microwave Corporation HMC813 Datasheet HTML 6Page - Hittite Microwave Corporation HMC813 Datasheet HTML 7Page - Hittite Microwave Corporation HMC813 Datasheet HTML 8Page - Hittite Microwave Corporation HMC813 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
5
5 - 2
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Electrical Specifications, (continued) [1]
HMC813
v00.1210
SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
WITH LIMITED RF OUTPUT, 1 - 26 GHz
Parameter
conditions
typ.
Units
Log Video recovery time
-50 dBm to 0 dBm
20
ns
Log Video output slope
14.5
mV/dB
Log Video output slope Variation over temperature
@ 10 GHz
3
µV/dB°c
Log Video Propagation Delay
15
ns
supply current (Idc)
150
mA
VIDEO OUT & Error
vs. Input Power, Fin = 1 GHz [1]
VIDEO OUT & Error
vs. Input Power, Fin = 2 GHz [1]
VIDEO OUT & Error
vs. Input Power, Fin = 6 GHz [1]
VIDEO OUT & Error
vs. Input Power, Fin = 10 GHz [1]
[1] electrical specs and performance plots are given for single-ended operation
[1] electrical specs and performance plots are given for single-ended operation
0.5
1
1.5
2
-3
-2
-1
0
1
2
3
-60
-50
-40
-30
-20
-10
0
10
ERR +25C
ERR +85C
ERR -55C
Ideal
Video Out +25C
Video Out +85C
Video Out -55C
INPUT POWER (dBm)
0.5
1
1.5
2
-3
-2
-1
0
1
2
3
-60
-50
-40
-30
-20
-10
0
10
ERR +25C
ERR +85C
ERR -55C
Ideal
Video Out +25C
Video Out +85C
Video Out -55C
INPUT POWER (dBm)
0.5
1
1.5
2
-3
-2
-1
0
1
2
3
-60
-50
-40
-30
-20
-10
0
10
ERR +25C
ERR +85C
ERR -55C
Ideal
Video Out +25C
Video Out +85C
Video Out -55C
INPUT POWER (dBm)
0.5
1
1.5
2
-3
-2
-1
0
1
2
3
-60
-50
-40
-30
-20
-10
0
10
ERR +25C
ERR +85C
ERR -55C
Ideal
Video Out +25C
Video Out +85C
Video Out -55C
INPUT POWER (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com