Electronic Components Datasheet Search
  English  ▼

X  

FW307 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # FW307
Description  Ultrahigh-Speed Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW307 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  FW307 Datasheet HTML 1Page - Sanyo Semicon Device FW307 Datasheet HTML 2Page - Sanyo Semicon Device FW307 Datasheet HTML 3Page - Sanyo Semicon Device FW307 Datasheet HTML 4Page - Sanyo Semicon Device FW307 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FW307
No.7274-4/5
0.1
0.01
0.1
23
5
7
1.0
23
5
7
2
1.0
7
5
3
2
5
3
2
yfs -- ID
IT04467
25
°C
[Pch]
[Nch]
--0.1
0.1
--1.0
3
2
7
5
3
2
1.0
3
2
7
5
3
2
yfs -- ID
VDS= --10V
IT04468
Ta=
--25
°C
25°C
75°
C
0.01
0.6
0.5
0.4
0.8
0.7
0.9
1.0
0.1
1.0
7
5
3
2
7
5
3
2
3
2
IF -- VSD
0
5
10
15
20
25
30
10
100
7
5
3
2
7
5
3
2
1000
Ciss
Coss
Crss
f=1MHz
Ciss, Coss, Crss -- VDS
0.1
3
10
1.0
23
5
7
3
2
3
100
7
5
3
7
5
2
2
SW Time -- ID
VDD=100V
VGS=10V
td(on)
tr
tf
td(off)
IT04469
IT04471
IT04473
0
10
--5
100
7
5
3
2
7
5
3
2
--10
--15
1000
--20
--30
--25
Ciss, Coss, Crss -- VDS
f=1MHz
--0.4
--0.6
--0.8
--1.0
--1.2
--0.01
--0.1
--1.0
3
7
5
3
2
7
5
3
2
2
IF -- VSD
VGS = 0
IT04470
IT04474
Ciss
Coss
Crss
--0.1
23
5
7
1.0
7
5
3
2
--1.0
3
10
7
5
3
2
2
100
SW Time -- ID
IT04472
VDD= --100V
VGS= --10V
tf
tr
td(off)
td(on)
[Pch]
[Pch]
[Nch]
[Nch]
[Nch]
[Pch]
Drain Current, ID -- A
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Drain-to-Source Voltage, VDS -- V
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Diode Forward Voltage, VSD -- V
Drain Current, ID -- A
VDS=10V
Ta=
--
25
°C
75
°C
VGS=0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com