Electronic Components Datasheet Search
  English  ▼

X  

FBR604 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # FBR604
Description  FAST RECOVERY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FBR604 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  FBR604 Datasheet HTML 1Page - EIC discrete Semiconductors FBR604 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FBR600 - FBR610
FAST RECOVERY
BRIDGE RECTIFIERS
PRV : 50 - 1000 Volts
Io : 6.0 Amperes
FEATURES :
* High case dielectric strength
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
* Ideal for printed circuit board
MECHANICAL DATA :
* Case : Reliable low cost construction
utilizing molded plastic technique
* Epoxy : UL94V-O rate flame retardant
* Terminals : Plated lead solderable per
MIL-STD-202, Method 208 guaranteed
* Polarity : Polarity symbols marked on case
* Mounting position : Any
* Weight : 3.6 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
FBR
600
FBR
601
FBR
602
FBR
604
FBR
606
FBR
608
FBR
610
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Current Tc = 50
°C
IF(AV)
6.0
A
Peak Forward Surge Current Single half sine wave
Superimposed on rated load (JEDEC Method)
Current Squared Time at t < 8.3 ms.
I
2t
64
A
2S
Maximum Forward Voltage drop per Diode at IF = 3.0 A
VF
1.3
V
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
1.0
mA
Maximum Reverse Recovery Time (Note 1)
Trr
150
250
500
ns
Typical Thermal Resistance per diode (Note 2)
R
θJC
8
°C/W
Operating Junction Temperature Range
TJ
- 50 to + 150
°C
Storage Temperature Range
TSTG
- 50 to + 150
°C
Notes :
1 ) Measured with IF = 0.5 Amp., IR = 1 Amp., Irr = 0.25 Amp.
2 ) Thermal resistance from Junction to Case with units mounted on a 6" x 5.5" x0.11" ( 15 x 14 x 0.3 cm ) Al. plate.
Page 1 of 2
Rev. 02 : March 24, 2005
RATING
IFSM
150
A
φ0.158 (4.00)
0.142 (3.60)
BR6
AC
0.127 (3.20)
0.047 (1.20)
+
AC
0.62 (15.75)
0.58 (14.73)
0.042 (1.06)
0.038 (0.96)
0.445 (11.30)
0.405 (10.30)
0.27 (6.90)
0.23 (5.80)
0.75 (19.1)
Min.
Dimension in inches and (millimeters)
* Pb / RoHS Free


Similar Part No. - FBR604

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FBR604 EIC-FBR604 Datasheet
19Kb / 2P
FAST RECOVERY BRIDGE RECTIFIERS
logo
Edal Industries, Inc.
FBR604 EDAL-FBR604 Datasheet
82Kb / 1P
Silicon Fast Recovery Bridge Rectifier
logo
First Components Intern...
FBR6040 FCI-FBR6040 Datasheet
143Kb / 2P
60 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS Mechanical Dimensions
FBR6045 FCI-FBR6045 Datasheet
143Kb / 2P
60 Amp High Voltage SCHOTTKY BARRIER RECTIFIERS Mechanical Dimensions
More results

Similar Description - FBR604

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSEI2X61-10 POWERSEM-PSEI2X61-10 Datasheet
137Kb / 2P
Fast Recovery Fast Recovery
PSEI2X30-0406 POWERSEM-PSEI2X30-0406 Datasheet
152Kb / 2P
Fast Recovery Fast Recovery
logo
EIC discrete Semiconduc...
FKBP200 EIC-FKBP200_09 Datasheet
106Kb / 2P
FAST RECOVERY
FR201 EIC-FR201_05 Datasheet
55Kb / 2P
FAST RECOVERY
FR301 EIC-FR301_05 Datasheet
54Kb / 2P
FAST RECOVERY
FR501 EIC-FR501_05 Datasheet
56Kb / 2P
FAST RECOVERY
logo
Yea Shin Technology Co....
FG1001FCT YEASHIN-FG1001FCT Datasheet
435Kb / 3P
FAST RECOVERY
FG1207FCT YEASHIN-FG1207FCT Datasheet
438Kb / 3P
FAST RECOVERY
FG2001FCT YEASHIN-FG2001FCT Datasheet
648Kb / 3P
FAST RECOVERY
logo
Toshiba Semiconductor
3TH62 TOSHIBA-3TH62 Datasheet
114Kb / 2P
Fast Recovery
1997-03-03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com