Electronic Components Datasheet Search
  English  ▼

X  

HMC950 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC950
Description  GaAs pHEMT MMIC 4 WATT POWER AMPLIFIER, 12 - 16 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC950 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC950 Datasheet HTML 1Page - Hittite Microwave Corporation HMC950 Datasheet HTML 2Page - Hittite Microwave Corporation HMC950 Datasheet HTML 3Page - Hittite Microwave Corporation HMC950 Datasheet HTML 4Page - Hittite Microwave Corporation HMC950 Datasheet HTML 5Page - Hittite Microwave Corporation HMC950 Datasheet HTML 6Page - Hittite Microwave Corporation HMC950 Datasheet HTML 7Page - Hittite Microwave Corporation HMC950 Datasheet HTML 8Page - Hittite Microwave Corporation HMC950 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
3
3 - 2
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
Broadband Gain &
Return Loss vs. Frequency
Gain vs. Temperature
P1dB vs. Temperature
P1dB vs. Supply Voltage
HMC950
v01.1010
GaAs pHEMT MMIC 4 WATT
POWER AMPLIFIER, 12 - 16 GHz
-30
-20
-10
0
10
20
30
40
10
11
12
13
14
15
16
17
18
S21
S11
S22
FREQUENCY (GHz)
16
20
24
28
32
36
11
12
13
14
15
16
17
+25C
+85C
-55C
FREQUENCY (GHz)
-20
-16
-12
-8
-4
0
11
12
13
14
15
16
17
+25C
+85C
-55C
FREQUENCY (GHz)
-24
-20
-16
-12
-8
-4
0
11
12
13
14
15
16
17
+25C
+85C
-55C
FREQUENCY (GHz)
32
34
36
38
40
42
12
13
14
15
16
+25C
+85C
-55C
FREQUENCY (GHz)
32
34
36
38
40
42
12
13
14
15
16
5V
6V
7V
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com