Electronic Components Datasheet Search
  English  ▼

X  

FW313 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # FW313
Description  Ultrahigh-Speed Switching Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW313 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  FW313 Datasheet HTML 1Page - Sanyo Semicon Device FW313 Datasheet HTML 2Page - Sanyo Semicon Device FW313 Datasheet HTML 3Page - Sanyo Semicon Device FW313 Datasheet HTML 4Page - Sanyo Semicon Device FW313 Datasheet HTML 5Page - Sanyo Semicon Device FW313 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
No.6389-4/6
FW313
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
--4.0
0
--2
--1
--3
--4
--5
--10
--6
--7
--8
--9
ID -- VGS
VDS=--10V
0
0
--1
--2
--3
--6
--5
--0.2
--4
--0.4
--0.6
--0.8
--1.0
--0.1
--0.3
--0.5
--0.7
--0.9
ID -- VDS
VGS=--2.0V
--8.0V
--3.0V
--2.5V
RDS(on) -- Ta
0
--1
--2
--3
--4
--5
--6
20
40
60
80
100
120
140
160
180
200
0
--7
--8
--9
--10
RDS(on) -- VGS
Ta=25
°C
ID=--2A
--5A
IT00910
IT00911
IT00912
IT00913
IT00914
IT00915
ID=-
-2A,
VGS
=--4V
ID=-
-5A, VGS
=--10V
--60
0
20
40
60
80
100
120
140
--40
--20
0
20
40
60
80
100
120
140
160
--0.01
0.01
0.1
--0.1
23
5 7
23
5 7
23
5 7
23
5 7
--1.0
100
10
1.0
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
--100
--10
yfs -- ID
VDS=--10V
75
°C
25°
C
Ta=-
-25
°C
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
--0.01
--0.1
--10
--1.0
7
5
3
2
7
5
3
2
7
5
3
2
IF -- VSD
VGS = 0
[Pch]
[Pch]
[Pch]
[Pch]
[Pch]
[Pch]
0
0
1
2
3
4
5
6
7
8
25
15
20
510
9
10
VGS -- Qg
VDS=10V
ID=7A
IT00908
A S O
100ms
DC
operation
100
µs
10
µs
1ms
10ms
IDP=28A
ID=7A
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
100
10
1.0
0.1
0.01
23
5
7
23
5
7
23
5
7
0.1
1.0
10
100
IT00909
[Nch]
[Nch]
Operation in this
area is limited by RDS(on).
Total Gate Charge, Qg – nC
Drain-to-Source Voltage, VDS –V
Ta=25
°C
Single pulse
1 unit
Mounted on a ceramic board (1000mm
2
×0.8mm)
Drain-to-Source Voltage, VDS –V
Gate-to-Source Voltage, VGS –V
Gate-to-Source Voltage, VGS –V
Drain Current, ID –A
Diode Forward Voltage, VSD –V
Ambient Temperature, Ta – ˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com