Electronic Components Datasheet Search
  English  ▼

X  

FE2A Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # FE2A
Description  SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FE2A Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  FE2A Datasheet HTML 1Page - EIC discrete Semiconductors FE2A Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FE2A ~ FE2G
SUPER FAST RECTIFIERS
PRV : 50 - 400 Volts
Io : 2.0 Amperes
FEATURES :
* Superfast recovery time for high efficiency
* High surge current capability
* High current capability
* Low leakage current
* Low forward voltage drop
* Pb / RoHS Free
MECHANICAL DATA :
* Case : DO-15 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
SYMBOL
FE2A
FE2B
FE2D
FE2F
FE2G
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
300
400
V
Maximum Reverse Voltage
VR
50
100
200
300
400
V
Maximum Average Forward Current, R-load, Ta = 75 °C
IF(AV)
A
Maximum Repetitive Peak Forward Current, f > 15 Hz ( Note 1 )
IFRM
A
Peak Forward Surge Current ,
60 Hz half sine- wave
IFSM
50
A
Maximum Forward Voltage at IF = 2 A
VF
0.95
1.25
V
Maximum Reverse Current
at VR = VRRM, TJ = 25 °C
IR
2.0
at VR = VRRM, TJ = 100 °C
IR(H)
50
Maximum Reverse Recovery Time ( Note 2 )
Trr
50
ns
Thermal Resistance Junction to Ambient
RӨJA
45
K/W
Thermal Resistance Junction to Lead
RӨJL
15
K/W
Operating Junction Temperature Range
TJ
- 50 to + 175
°C
Storage Temperature Range
TSTG
- 50 to + 175
°C
Notes :
(1) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case.
(2) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
Page 1 of 2
Rev. 00 : March 10, 2008
20
μA
RATING
2.0
DO-15
0.300 (7.6)
0.230 (5.8)
0.140 (3.6)
0.104 (2.6)
0.034 (0.86)
0.028 (0.71)
Dimensions in inches and (millimeters)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.
IATF 0060636
SGS TH07/1033
TW00/17276EM
TH97/10561QM


Similar Part No. - FE2A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
FE2A GE-FE2A Datasheet
52Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
Diotec Semiconductor
FE2A DIOTEC-FE2A Datasheet
154Kb / 2P
Superfast Silicon Rectifiers
FE2A DIOTEC-FE2A Datasheet
58Kb / 2P
Superfast Switching Silicon-Rectifiers
FE2A DIOTEC-FE2A Datasheet
92Kb / 2P
Superfast Switching Silicon Rectifier Diodes
FE2A DIOTEC-FE2A Datasheet
133Kb / 2P
Superfast Recovery Rectifier Diodes
More results

Similar Description - FE2A

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com