Electronic Components Datasheet Search
  English  ▼

X  

FEP16AT Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # FEP16AT
Description  Ultrafast Plastic Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FEP16AT Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  FEP16AT Datasheet HTML 1Page - EIC discrete Semiconductors FEP16AT Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEP16AT - FEP16JT
Ultrafast Plastic Rectifiers
PRV : 50 - 600 Volts
Io : 16 Ampere
FEATURES :
* High current capability
* High surge current capability
* Low leakage, high voltage
* Glass passivated chip junction
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Epoxy, Molded
* Lead Temperature for Soldering Purposes:
260 °C Max. for 10 Seconds
* Polarity: As marked
* Mounting Position: Any
* Weight : 2.24 grams (Approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
SYMBOL
FEP
16AT
FEP
16BT
FEP
16CT
FEP
16DT
FEP
16FT
FEP
16GT
FEP
16HT
FEP
16JT
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum Average Forward Current, TC = 100°C
IF(AV)
16
A
Maximum Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method) at Tc = 100°C
Maximum Instantaneous Forward Voltage at IF = 8 A
VF
0.95
1.3
1.5
V
Maximum Reverse Current at TC = 25 °C
IR
10
µA
Rated DC Blocking Voltage TC = 100 °C
IR(H)
500
µA
Maximum Reverse Recovery Time ( Note 1 )
Trr
35
50
ns
Typical junction capacitance at VR = 4V, f = 1MHz
Cj
85
60
pF
Maximum Thermal Resistance, Junction to Case
RӨJC
1.2
°C/W
Operating storage and temperature range
TJ, TSTG
- 65 to + 150
°C
Notes :
(1) Reverse Recovery Test Conditions : IF = 0.5A, IR = 1A ; Irr = 0.25 A
(2) For Negative CT add suffix "A" e.g. FEP16ATA, FEP16BTA … FEP16JTA
Page 1 of 2
Rev. 03 : May 13, 2006
A
RATING
IFSM
125
200
0.105(2.67)
0.095(2.41)
0.205(520)
0.195(4.95)
0.635(16.13)
0.625(15.87)
0.055(1.39)
0.045(1.14)
0.145(3.68)
0.135(3.43)
0.160(4.06)
0.140(3.56)
0.603(15.32)
0.573(14.55)
0.560(14.22)
0.530(13.46)
0.350(8.89)
0.330(8.39)
0.185(4.70)
0.175(4.44)
0.037(0.94)
0.027(0.68)
0.415(10.54) MAX.
0.154(3.91) DIA.
0.148(3.74)
0.113(2.87)
0.103(2.62)
0.022(0.56)
0.014(0.36)
13
2
TO-220AB
Dimensions in inches and ( millimeters )
PIN 2
PIN 1
PIN 3
CASE
Positive CT
+
PIN 2
PIN 1
PIN 3
CASE
-
Negative CT
Suffix "A"
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - FEP16AT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FEP16AT FAIRCHILD-FEP16AT Datasheet
37Kb / 3P
16 Ampere Glass Passivated Super Fast Rectifiers
logo
General Semiconductor
FEP16AT GE-FEP16AT Datasheet
80Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
logo
Fairchild Semiconductor
FEP16AT FAIRCHILD-FEP16AT Datasheet
68Kb / 3P
Fast Rectifiers (Glass Passivated)
FEP16AT FAIRCHILD-FEP16AT Datasheet
68Kb / 3P
Fast Rectifiers (Glass Passivated)
logo
TAITRON Components Inco...
FEP16AT TAITRON-FEP16AT Datasheet
158Kb / 5P
16A Super Fast Recovery Rectifiers
More results

Similar Description - FEP16AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FES16JT VISHAY-FES16JT Datasheet
187Kb / 3P
Ultrafast Plastic Rectifiers
15-Jan-03
FESF16FT VISHAY-FESF16FT Datasheet
190Kb / 3P
Ultrafast Plastic Rectifiers
15-Jan-03
logo
EIC discrete Semiconduc...
BYVF32 EIC-BYVF32 Datasheet
46Kb / 2P
Dual Ultrafast Plastic Rectifiers
FES8AT EIC-FES8AT Datasheet
49Kb / 2P
Ultrafast Plastic Rectifiers
FES16XX EIC-FES16XX Datasheet
49Kb / 2P
Ultrafast Plastic Rectifiers
logo
Silicon Standard Corp.
MUR140 SSC-MUR140 Datasheet
219Kb / 4P
Ultrafast Plastic Rectifiers
logo
EIC discrete Semiconduc...
FEP30AP EIC-FEP30AP Datasheet
123Kb / 2P
Dual Ultrafast Plastic Rectifiers
logo
Vishay Siliconix
UG4A VISHAY-UG4A_11 Datasheet
78Kb / 4P
Miniature Ultrafast Plastic Rectifiers
04-May-11
logo
Formosa MS
MUR1020CT FORMOSA-MUR1020CT Datasheet
227Kb / 2P
Ultrafast Plastic Rectifiers
MUR1620CT FORMOSA-MUR1620CT Datasheet
108Kb / 2P
Ultrafast Plastic Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com