Electronic Components Datasheet Search
  English  ▼

X  

FEP30AP Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # FEP30AP
Description  Dual Ultrafast Plastic Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FEP30AP Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  FEP30AP Datasheet HTML 1Page - EIC discrete Semiconductors FEP30AP Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( FEP30AP ~ FEP30JP )
FIG.1 - FORWARD CURRENT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
DERATING CURRENT
FORWARD SURGE CURRENT PER LEG
0
25
50
75
100
125
150
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL INSTANTANEOUS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
FORWARD CHARACTERISTICS PER LEG
PER LEG
FIG. 5 – TYPICAL JUNCTION CAPACITANCE
Page 2 of 2
Rev. 01 : March 6, 2006
30
24
18
12
36
1.0
250
0
300
0
200
150
100
10
80
10
100
0.1
100
20
40
60
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
TJ = 25 °C
TJ = 100 °C
Pulse Width
= 300
μs
1% Duty Cycle
1.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD
VOLTAGE, (V)
0.1
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
6
50
TC= 100 °C
0
0.01
FEP30HP - FEP30JP
FEP30FP - FEP30GP
FEP30AP - FEP30DP
TJ = 25 °C
FEP30AP - FEP30DP
FEP30FP - FEP30JP
REVERSE VOLTAGE, (V)
0.1
1
10
100
0
100
1000
TJ = 25°C
f = 1.0 MHz
Vsig = 50 mVp-p
FEP30AP - FEP30DP
FEP30FP - FEP30JP
Certificate TH97/10561QM
Certificate TW00/17276EM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com