Electronic Components Datasheet Search
  English  ▼

X  

FEP16AP Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # FEP16AP
Description  Dual Ultrafast Plastic Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FEP16AP Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  FEP16AP Datasheet HTML 1Page - EIC discrete Semiconductors FEP16AP Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEP30AP - FEP30JP
Dual Ultrafast Plastic Rectifiers
PRV : 50 - 600 Volts
Io : 30 Ampere
FEATURES :
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Dual rectifier construction, positive center-tap
* Glass passivated chip junction
* Superfast recovery times for high efficiency
* Low forward voltage, high current
high current capability
* Low thermal resistance, low power loss
* High temperature soldering guaranteed:
250 °C, 0.1"(4.06mm)from case for 10 seconds
* Pb / RoHS Free
MECHANICAL DATA :
* Case : TO-247AD Molded plastic
* Polarity : As marked on the body
* Mounting position : Any
* Weight : 5.6 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise note.
SYMBOL
FEP
30AP
FEP
30BP
FEP
30CP
FEP
30DP
FEP
30FP
FEP
30G
FEP
30HP
FEP
30JP
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum Average Forward Rectified Current, Tc = 100°C
IF(AV)
A
Maximum Peak Forward Surge Current
8.3 ms single half sine-wave superimposed on
rated load (JEDEC Method) at Tc = 100°C
Maximum Instantaneous Forward Voltage at IF = 15 A
VF
V
Maximum Reverse Current at
Tc = 25 °C
IR
μA
Rated DC Blocking Voltage
Tc = 100 °C
IR(H)
μA
Maximum Reverse Recovery Time ( Note 1 )
Trr
ns
Typical junction capacitance at 4V, 1MHz
Cj
pF
Maximum Thermal Resistance, Junction to Case
RθJC
°C/W
Operating storage and temperature range
TJ, TSTG
- 55 to + 150
°C
Note :
(1) Reverse Recovery Test Conditions : IF = 0.5A, IR = 1A ; Irr = 0.25 A
Page 1 of 2
Rev. 01 : March 6, 2006
10
500
0.95
1.3
1.5
1.2
175
145
35
50
A
RATING
IFSM
30
300
0.142(3.6)
0.138(3.5)
30°
0.645 (16.4)
0.625 (15.9) 0.323 (8.2)
0.313 (7.9)
0.170(4.3)
0.840(21.3)
0.820(20.8)
0.245(6.2)
0.225(5.7)
0.795(20.2)
0.775(19.7)
0.127(3.22)
0.177(2.97)
0.160(4.1)
0.140(3.5)
0.203(5.16)
0.193(4.90)
0.078 REF
(1.98)
0.118(3.0)
0.106(2.7)
0.030(0.76)
0.020(0.51)
0.225(5.7)
0.205(5.2)
0.048(1.22)
0.044(1.12)
12
3
PIN
PIN
PIN
CAS
TO-247AD (TO-3P)
Dimensions in inches and ( millimeters )
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - FEP16AP

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FEP16AT FAIRCHILD-FEP16AT Datasheet
37Kb / 3P
16 Ampere Glass Passivated Super Fast Rectifiers
logo
General Semiconductor
FEP16AT GE-FEP16AT Datasheet
80Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
logo
Fairchild Semiconductor
FEP16AT FAIRCHILD-FEP16AT Datasheet
68Kb / 3P
Fast Rectifiers (Glass Passivated)
FEP16AT FAIRCHILD-FEP16AT Datasheet
68Kb / 3P
Fast Rectifiers (Glass Passivated)
logo
TAITRON Components Inco...
FEP16AT TAITRON-FEP16AT Datasheet
158Kb / 5P
16A Super Fast Recovery Rectifiers
More results

Similar Description - FEP16AP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FES16JT VISHAY-FES16JT Datasheet
187Kb / 3P
Ultrafast Plastic Rectifiers
15-Jan-03
FESF16FT VISHAY-FESF16FT Datasheet
190Kb / 3P
Ultrafast Plastic Rectifiers
15-Jan-03
logo
EIC discrete Semiconduc...
BYV29F EIC-BYV29F Datasheet
44Kb / 2P
Dual Ultrafast Plastic Rectifiers
BYVF32 EIC-BYVF32 Datasheet
46Kb / 2P
Dual Ultrafast Plastic Rectifiers
FES8AT EIC-FES8AT Datasheet
49Kb / 2P
Ultrafast Plastic Rectifiers
FES16XX EIC-FES16XX Datasheet
49Kb / 2P
Ultrafast Plastic Rectifiers
MURF1005CT EIC-MURF1005CT Datasheet
38Kb / 2P
Dual Ultrafast Plastic Rectifiers
MURF1620CT EIC-MURF1620CT Datasheet
44Kb / 2P
Dual Ultrafast Plastic Rectifiers
logo
Formosa MS
MUR1020CT FORMOSA-MUR1020CT Datasheet
227Kb / 2P
Ultrafast Plastic Rectifiers
MUR1620CT FORMOSA-MUR1620CT Datasheet
108Kb / 2P
Ultrafast Plastic Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com