Electronic Components Datasheet Search
  English  ▼

X  

GF1J Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # GF1J
Description  GLASS PASSIVATED JUNCTION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

GF1J Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  GF1J Datasheet HTML 1Page - EIC discrete Semiconductors GF1J Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GF1A - GF1M
GLASS PASSIVATED JUNCTION
SILICON SURFACE MOUNT
PRV : 50 - 1000 Volts
Io : 1.0 Ampere
FEATURES :
* Glass passivated chip
* High current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Pb / RoHS Free
MECHANICAL DATA :
* Case : SMA Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.067 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specifie.
Single phase, half wave, 60 Hz, resistive or inductive load
For capacitive load, derate current by 20%
SYMBOL
GF1A GF1B GF1D GF1G GF1J GF1K GF1M
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Current Ta = 75
°C
IF(AV)
1.0
A
Peak Forward Surge Current
8.3ms Single half sine wave Superimposed
on rated load (JEDEC Method)
Maximum Forward Voltage at IF = 1.0 Amp.
VF
1.0
V
Maximum DC Reverse Current
Ta = 25
°C
IR
5.0
μA
at rated DC Blocking Voltage
Ta = 100
°C
IR(H)
50
μA
Typical Reverse Recovery Time ( Note 1 )
Trr
2.0
μs
Typical Junction Capacitance (Note2)
CJ
8pF
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
(1) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC
Page 1 of 2
Rev. 03 : October 14, 2005
RATING
IFSM
30
A
2.0
± 0.2
2.1
± 0.2
SMA (DO-214AC)
1.2
± 0.2
2.6
± 0.15
Dimensions in millimeter
1.1
± 0.3
0.2
± 0.07


Similar Part No. - GF1J

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GF1J GE-GF1J Datasheet
90Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GF1J VISHAY-GF1J Datasheet
42Kb / 2P
Surface Mount Glass Passivated Rectifier
15-Mar-11
logo
Fairchild Semiconductor
GF1J FAIRCHILD-GF1J Datasheet
49Kb / 3P
General Purpose Rectifiers (Glass Passivated)
logo
First Components Intern...
GF1J FCI-GF1J Datasheet
165Kb / 2P
1.0 Amp MEGARECTIFIERS
logo
TAITRON Components Inco...
GF1J TAITRON-GF1J Datasheet
150Kb / 5P
1.0A Surface Mount Sintered Glass Passivated Rectifier
More results

Similar Description - GF1J

ManufacturerPart #DatasheetDescription
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
Glass passivated junction
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
EIC discrete Semiconduc...
FE3A EIC-FE3A Datasheet
103Kb / 2P
GLASS PASSIVATED JUNCTION
GN2A EIC-GN2A_05 Datasheet
48Kb / 2P
GLASS PASSIVATED JUNCTION
GR3A EIC-GR3A Datasheet
67Kb / 2P
GLASS PASSIVATED JUNCTION
logo
Leshan Radio Company
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
Glass Passivated Junction
1N4947G LRC-1N4947G_15 Datasheet
199Kb / 7P
Glass Passivated Junction
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
Glass Passivated Junction
FR104G LRC-FR104G_15 Datasheet
199Kb / 7P
Glass Passivated Junction
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com