Electronic Components Datasheet Search
  English  ▼

X  

MAX1069 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1069
Description  58.6ksps, 14-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1069 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1069_10 Datasheet HTML 2Page - Maxim Integrated Products MAX1069_10 Datasheet HTML 3Page - Maxim Integrated Products MAX1069_10 Datasheet HTML 4Page - Maxim Integrated Products MAX1069_10 Datasheet HTML 5Page - Maxim Integrated Products MAX1069_10 Datasheet HTML 6Page - Maxim Integrated Products MAX1069_10 Datasheet HTML 7Page - Maxim Integrated Products MAX1069_10 Datasheet HTML 8Page - Maxim Integrated Products MAX1069_10 Datasheet HTML 9Page - Maxim Integrated Products MAX1069_10 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
58.6ksps, 14-Bit, 2-Wire Serial ADC
in a 14-Pin TSSOP
6
_______________________________________________________________________________________
Note 9: A master device must provide a data hold time for SDA (referred to VIL of SCL) in order to bridge the undefined region of
SCL’s falling edge (see Figure 1).
Note 10: CB = total capacitance of one bus line in pF. tR and tF measured between 0.3  VDVDD and 0.7  VDVDD.
Note 11: fSCL must meet the minimum clock low time plus the rise/fall times.
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = +4.75V to +5.25V, VDVDD = +2.7V to +5.5V, fSCL = 1.7MHz (33% duty cycle), fSAMPLE = 58.6ksps, VREF = +4.096V, external
reference applied to REF, REFADJ = AVDD, CREF = 10µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Figure 1. I2C Serial Interface Timing
tHD,STA
tHD,STA
tHIGH
tHIGH
tR
tRCL
tF
tFCL
tHD,STA
S
Sr
A
SCL
SDA
tSU,STA
tSU,STO
tSU,STO
tRCL1
tR
tF
tBUF
tBUF
tLOW
tSU,DAT
tHD,DAT
tHD,DAT
PS
tSU,DAT
tHD,STA
S
Sr
A
SCL
SDA
tSU,STA
tLOW
P
S
HS-MODE
F/S-MODE
A. F/S-MODE I2C SERIAL INTERFACE TIMING
B. HS-MODE I2C SERIAL INTERFACE TIMING
tRDA
tFDA
PARAMETERS ARE MEASURED FROM 30% TO 70%.
Figure 2. Load Circuit
VOUT
VDD
IOL = 3mA
IOH = 0mA
400pF
DIGITAL
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com