Electronic Components Datasheet Search
  English  ▼

X  

MAX6613 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6613
Description  Low-Voltage Analog Temperature Sensor in an SC70 Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6613 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6613 Datasheet HTML 1Page - Maxim Integrated Products MAX6613 Datasheet HTML 2Page - Maxim Integrated Products MAX6613 Datasheet HTML 3Page - Maxim Integrated Products MAX6613 Datasheet HTML 4Page - Maxim Integrated Products MAX6613 Datasheet HTML 5Page - Maxim Integrated Products MAX6613 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Low-Voltage Analog Temperature
Sensor in an SC70 Package
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: All parameters tested at room temperature. Values through temperature limits are guaranteed by design.
Note 2: VOUT = -0.0000022 ✕ T2 - 0.01105 ✕ T + 1.8455 (T = temperature in degrees Celsius).
Note 3: Guaranteed by design to 3 sigma.
Note 4: Guaranteed by design.
(All voltages referenced to GND, unless otherwise noted.)
VCC to GND ..............................................................-0.3V to +6V
All Other Pins to GND.................................-0.3V to (VCC + 0.3V)
OUT Short to GND......................................................Continuous
Output Current ....................................................-1mA to +50mA
ESD Protection (Human Body Model)................................2000V
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (derate 3.1mW/°C above +70°C) ...........246.9mW
Operating Temperature Range .........................-55
°C to +130°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering 10s) ..................................+300°C
Soldering Temperature (reflow) .......................................+260°C
DC ELECTRICAL CHARACTERISTICS
(VCC = 1.8V to 5.5V, TA = -55°C to +130°C. Typical values are at TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 2.7V, TA = 0°C to +50°C
-4
+4
VCC = 2.7V, TA = -20°C to +85°C
-4.4
+4.4
VCC = 2.7V, TA = -55°C to +100°C
-4.5
+4.5
VCC = 2.7V, TA = +100°C to +125°C
-4.7
+4.7
Temperature-to-Voltage Error
(Notes 2, 3)
VCC = 2.7V, TA = +125°C to +130°C
-5
+5
°C
Output Voltage
TA = 0°C
1.8455
V
Nonlinearity
TA = -55°C to +100°C
±0.4
%
Sensor Gain (Temperature
Sensitivity or Average Slope)
TA = -20°C to +100°C (Note 3)
-10.98
-11.23
-11.47
mV/
°C
0 < IL < 16µA, TA = -55°C to +125°C
160
Maximum Output Impedance
0 < IL < 16µA, TA = +125°C to +130°C
300
Ω
0 < IL < 16µA, TA = -55°C to +125°C
-2.5
Load Regulation
0 < IL < 16µA, TA = 125°C to 130°C
-4.8
mV
TA = -20°C to +130°C, VCC
≤ 5.5V
1
3.3
TA = -55°C to -20°C, VCC
≤ 4.5V
1
4.7
Supply Sensitivity (Note 3)
TA = -55°C to -20°C, VCC
≤ 5.5V
1
mV/V
Quiescent Current
IQ
No load
7.5
13
µA
Capacitive Load
No sustained oscillations for capacitive
loads in this range (Note 4)
0
1000
pF
Long-Term Stability
TA = room temperature for 1000hr (Note 4)
0.1
°C
Temperature Coefficient of
Supply Current
15
nA/
°C
Power-Down Supply Current
VCC < 0.8V
0.1
µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com