Electronic Components Datasheet Search
  English  ▼

X  

FX508 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FX508
Description  High-Current Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FX508 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FX508 Datasheet HTML 1Page - Sanyo Semicon Device FX508 Datasheet HTML 2Page - Sanyo Semicon Device FX508 Datasheet HTML 3Page - Sanyo Semicon Device FX508 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
52098HA (KT)/42695MO (KOTO) BX-1461 No.4906-1/4
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
NPN Epitaxial Planar Silicon Transistor
High-Current Switching Applications
Ordering number:EN4906
FX508
Package Dimensions
unit:mm
2118
[FX508]
1:Base1
2:Emitter1
3:Emitter2
4:Base2
5:Collector2
6:Collector1
SANYO:XP6
(Bottom view)
Applications
· LCD backlight drive.
Features
· Composite type with 2PNP transistors contained in
one package, facilitating high-density mounting.
· The FX508 houses two chips, each being equivalent
to the 2SD1815, in one package.
· Matched pair characteristics.
· Marking:508
Continued on next page.
Swithing Time Test CIrcuit
Specifications
Absolute Maximum Ratings at Ta = 25˚C
˚C
˚C
Mounted on ceramic board (750mm2
×0.8mm) 1unit
Mounted on ceramic board (750mm2
×0.8mm)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
2
1V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
0
1V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
6V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
3A
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
6A
t
n
e
r
r
u
C
e
s
a
BIB
0
0
6A
m
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
5
.
1W
n
o
i
t
a
p
i
s
s
i
D
l
a
t
o
TPT
2W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
Electrical Connection
1:Base1
2:Emitter1
3:Emitter2
4:Base2
5:Collector2
6:Collector1
(Top view)


Similar Part No. - FX508

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FX501 SANYO-FX501 Datasheet
101Kb / 4P
High-Current Switching Applications
FX502 SANYO-FX502 Datasheet
99Kb / 4P
High-Current Switching Applications
FX503 SANYO-FX503 Datasheet
103Kb / 4P
High-Current Switching Applications
logo
CML Microcircuits
FX503A CMLMICRO-FX503A Datasheet
205Kb / 4P
QTC TONE ENCODER
FX503C CMLMICRO-FX503C Datasheet
400Kb / 6P
A 17-TONE GENERATOR
More results

Similar Description - FX508

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
High-Current Switching Applications
2SB1216 SANYO-2SB1216 Datasheet
126Kb / 4P
High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
High-Current Switching Applications
2SB1509 SANYO-2SB1509 Datasheet
114Kb / 3P
High-Current Switching Applications
2SC4306 SANYO-2SC4306 Datasheet
92Kb / 3P
High-Current Switching Applications
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
HIGH CURRENT SWITCHING APPLICATIONS
logo
Guangdong Kexin Industr...
2SB1204 KEXIN-2SB1204 Datasheet
47Kb / 2P
High-Current Switching Applications
2SB1201 KEXIN-2SB1201 Datasheet
47Kb / 2P
High-Current Switching Applications
logo
Sanyo Semicon Device
ECH8202 SANYO-ECH8202 Datasheet
279Kb / 4P
High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
High Current Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com