Electronic Components Datasheet Search
  English  ▼

X  

FX802 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FX802
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FX802 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FX802 Datasheet HTML 1Page - Sanyo Semicon Device FX802 Datasheet HTML 2Page - Sanyo Semicon Device FX802 Datasheet HTML 3Page - Sanyo Semicon Device FX802 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
52098HA (KT)/41095TS (KOTO) TA-0134 No.5052-1/4
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
TR:PNP Epitaxial Planar Silicon Transistor
SBD:Schottky Barrier Diode (Twin type · Cathode Common)
DC-DC Converter
Ordering number:EN5052
FX802
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
]
R
T
[
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
5
2
–V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
2
–V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
5
–V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
5
–A
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
8
–A
t
n
e
r
r
u
C
e
s
a
BIB
1
–A
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
5
.
1W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
]
D
B
S
[
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
RV
M
R
R
0
3V
e
g
a
t
l
o
V
e
g
r
u
S
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
r
-
n
o
NV
M
S
R
5
3V
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
e
g
a
r
e
v
A
IO
2A
IO
)
l
a
t
o
T
(
4A
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
r
u
SI
M
S
F
e
l
c
y
c
1
,
e
v
a
w
e
n
i
s
z
H
0
5
0
1A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
+
o
t
5
5
–
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
–
Package Dimensions
unit:mm
2126
[FX802]
1:Base
2:Emitter
3:Anode1
4:Anode2
5:Cathode
6:Collector
SANYO:XP6
(Bottom view)
Features
· Complex type of a low saturation voltage, high
speed switching and large current PNP transistor and
a fast recovery and low forward voltage Schottky
barrier diode facilitating high-sensity mounting.
· The FX802 is composed of 2 chips, one being
equivalent to the 2SB1302 and the other the
SB20W03P, placed in one packae.
Electrical Connection
· Marking:802
Specifications
Absolute Maximum Ratings at Ta = 25˚C
˚C
˚C
Continued on next page.
˚C
1:Base
2:Emitter
3:Anode1
4:Anode2
5:Cathode
6:Collector
(Top view)
Mounted on ceramic board (750mm2
×0.8mm) 1 unit


Similar Part No. - FX802

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX802 CMLMICRO-FX802 Datasheet
129Kb / 14P
DVSR CODEC
FX802J CMLMICRO-FX802J Datasheet
129Kb / 14P
DVSR CODEC
FX802LG CMLMICRO-FX802LG Datasheet
129Kb / 14P
DVSR CODEC
FX802LS CMLMICRO-FX802LS Datasheet
129Kb / 14P
DVSR CODEC
More results

Similar Description - FX802

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com