Electronic Components Datasheet Search
  English  ▼

X  

FX901 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FX901
Description  DC-DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FX901 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FX901 Datasheet HTML 1Page - Sanyo Semicon Device FX901 Datasheet HTML 2Page - Sanyo Semicon Device FX901 Datasheet HTML 3Page - Sanyo Semicon Device FX901 Datasheet HTML 4Page - Sanyo Semicon Device FX901 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FX901
No.5387-2/5
Continued from preceding page.
Electrical Characteristics at Ta = 25˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
]
R
T
[
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
2
1
–
=
E 0
=1
.
0
–A
µ
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
6
–
=
C 0
=1
.
0
–A
µ
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F
)
1
(V E
C
I
,
V
2
–
=
C
A
5
.
0
–
=0
4
10
6
5
h E
F
)
2
(V E
C
I
,
V
2
–
=
C
A
3
–
=0
7
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
2
–
=
C
A
3
.
0
–
=0
0
4z
H
M
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Ob
o
CV B
C
z
H
M
1
=
f
,
V
0
1
–
=6
2F
p
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
E
-
CV
)
t
a
s
(
E
C
IC
I
,
A
5
.
1
–
=
B
A
m
0
3
–
=2
2
.
0
–4
.
0
–V
e
g
a
t
l
o
V
n
o
i
t
a
r
u
t
a
S
E
-
BV
)
t
a
s
(
E
B
IC
I
,
A
5
.
1
–
=
B
A
m
0
3
–
=9
.
0
–2
.
1
–V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
B
-
CV
O
B
C
)
R
B
(
IC
I
,
A
µ
0
1
–
=
E 0
=5
1
–V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
E
-
CV
O
E
C
)
R
B
(
IC
R
,
A
m
1
–
=
E
B =∞
1
1
–V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
B
-
EV
O
B
E
)
R
B
(
IE
I
,
A
µ
0
1
–
=
C 0
=7
–V
e
m
i
t
N
O
-
n
r
u
Tt n
o
t
i
u
c
t
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S5
2s
n
e
m
i
T
e
g
a
r
o
t
St g
t
s
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
0
2s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
1s
n
]
T
E
F
S
O
M
[
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
S
-
DV
S
S
D
)
R
B
(
ID
V
,
A
m
1
=
S
G
0
=1
1V
t
n
e
r
r
u
C
n
i
a
r
D
e
g
a
t
l
o
V
e
t
a
G
-
o
r
e
ZI
S
S
D
V S
D
V
,
V
4
.
0
1
=
S
G
0
=0
0
4A
µ
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
c
r
u
o
S
-
o
t
-
e
t
a
GI
S
S
G
V S
G
V
,
V
8
±
=
S
D
0
=0
1
±A
µ
e
g
a
t
l
o
V
f
f
o
t
u
CV
)
f
f
o
(
S
G
V S
D
I
,
V
0
1
=
D
A
m
1
=5
.
05
.
1V
e
c
n
a
t
t
i
m
d
A
r
e
f
s
n
a
r
T
d
r
a
w
r
o
FY
|
s
f |V S
D
I
,
V
0
1
=
D
A
1
=8
.
18
.
2S
e
c
n
a
t
s
i
s
e
R
-
N
O
e
c
r
u
o
S
-
o
t
-
n
i
a
r
D
c
i
t
a
t
S
R
)
n
o
(
S
D
ID
V
,
A
1
=
S
G
V
4
=0
4
10
0
2m
Ω
R
)
n
o
(
S
D
ID
V
,
A
m
0
0
5
=
S
G
V
5
.
2
=0
0
20
2
3m
Ω
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
Is
s
i
CV S
D
z
H
M
1
=
f
,
V
0
1
=5
8
1F
p
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Os
s
o
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
1
2F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Rs
s
r
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
4F
p
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
Tt
)
n
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S5
1s
n
e
m
i
T
e
s
i
Rtr
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
4s
n
e
m
I
T
y
a
l
e
D
F
F
O
-
n
r
u
Tt
)
f
f
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
5s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S5
3s
n
]
D
B
S
[
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
A
m
0
0
5
=4
.
05
4
.
0V
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rt r
r
IF
s
µ
/
A
0
5
=
t
d
/
i
d
,
A
m
0
0
5
=0
20
3s
n
Swithing Time Test CIrcuit [TR]
Trr Test Circuit
[MOSFET]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com