Electronic Components Datasheet Search
  English  ▼

X  

AT45DB021D-SS Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT45DB021D-SS
Description  One mechanical button switch Three LEDs Four expansion headers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021D-SS Datasheet(HTML) 4 Page - ATMEL Corporation

  AT45DB021D-SS Datasheet HTML 1Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 2Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 3Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 4Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 5Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 6Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 7Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 8Page - ATMEL Corporation AT45DB021D-SS Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
AVR32924
32156A-AVR-01/11
3.2 Power supply
The kit is powered via the USB connector, which leaves two options to power it:
Connect the kit either to a PC through a USB cable or to a 5V USB power supply
(AC/DC adapter).
The 5V is regulated down to 3.3V with an onboard LDO regulator, which provides
power to the entire board. The Atmel AT32UC3L064 is powered by 3.3V, but if 1.8V
operation is desired, some modifications to the board are needed. This includes
replacing the regulator with one that delivers 1.8V output and rerouting the power to
the device (see schematic for explanation). As some of the other ICs on the Atmel
UC3-L0 Xplained require 3.3V to operate correctly, these devices have to be removed
also.
3.3 Measuring the AT32UC3L064 power consumption
As part of an evaluation of the AT32UC3L064, it can be of interest to measure its
power consumption. The two-pin header with a jumper mounted on it is the only
connection between the common power plane VCC_P3V3 and the VCC_MCU_P3V3
power plane. By replacing the jumper with an ampere meter, it is possible to
determine the current consumption of the AT32UC3L064. To locate the power
measurement header, please refer to Figure 3-1.
WARNING
Do not power the board without having the jumper or an ampere meter
mounted. Otherwise, the device may be damaged.
3.4 Programming the AT32UC3L064 through the UART-to-USB gateway
The AT32UC3L064 can be programmed through the UART-to-USB gateway. This
can be accomplished using the UART boot loader preprogrammed in the device.
Press and hold the mechanical button switch while powering up the board to enter the
boot loader, and use 32-bit AVR Studio to set up a programming connection to the
device.
NOTE
If the default board controller firmware is replaced, programming of the
AT32UC3L064 may not be possible as the UART-to-USB functionality might be
missing.
NOTE
If any external programming tool is used on the AT32UC3L064, the boot loader might
be erased, and it will not be possible to program the device through the UART-to-USB
gateway. In this case the boot loader has to be restored with an external
programming tool.
3.5 Communication through the UART-to-USB gateway
The AT32UC3L064 UART is connected to a UART on the Atmel AT32UC3B1256.
The AT32UC3B1256 UART is communicating at 57600 baud, using one start bit,
eight data bits, one stop bit, and no parity.
When the AT32UC3B1256 device is enumerated (connected to a PC), the data
transmitted from the AT32UC3L064 is passed on to a (virtual) COM port. This means
that it is possible to use a terminal program to receive the transmitted data on a PC.
Similarly data transmitted from the PC COM port is passed on to the AT32UC3L064
UART through the gateway.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com