Electronic Components Datasheet Search
  English  ▼

X  

AT25DF021-SSH Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT25DF021-SSH
Description  One mechanical button switch Three LEDs Four expansion headers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF021-SSH Datasheet(HTML) 3 Page - ATMEL Corporation

  AT25DF021-SSH Datasheet HTML 1Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 2Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 3Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 4Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 5Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 6Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 7Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 8Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AVR32924
32156A-AVR-01/11
Figure 3-2. Functional overview of the Atmel UC3-L0 Xplained kit.
Temperature
Sensor,
PWM Voltage
generation
AT32UC3L064
USB Device
Dataflash
Four standard 10 pin
headers that can be used
with various top cards
Button
LEDs
JTAG
DEBUG
MEMORIES
EXPANSIONS
QTouch
button
QMatrix
slider
AT32UC3B1256
USART/TWI
3.1 Preprogrammed firmware
The Atmel AT32UC3L064 and the Atmel AT32UC3B1256 that come with the Atmel
UC3-L0 Xplained kit are both preprogrammed.
The preprogrammed firmware in the AT32UC3L064 is set up with a small demo with
the Atmel QMatrix touch slider and Atmel QTouch button that can be used to control
the RGB LED. The device also features a UART boot loader that can be used to
program new firmware to the device. Hold the mechanical button while applying
power to start the boot loader. The boot loader can be used with the command line
tool “batchISP” delivered with FLIP.
The preprogrammed AT32UC3B1256 firmware offers features such as a boot loader
for self-programming of the board controller itself and a UART-to-USB gateway. The
bootloader can be started by shorting the 2-pin header (not mounted) while applying
power to the board. The bootloader can be used with the command line tool
“batchISP” delivered with FLIP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com