Electronic Components Datasheet Search
  English  ▼

X  

2SA1744 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SA1744
Description  SILICON POWER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1744 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SA1744 Datasheet HTML 1Page - Renesas Technology Corp 2SA1744 Datasheet HTML 2Page - Renesas Technology Corp 2SA1744 Datasheet HTML 3Page - Renesas Technology Corp 2SA1744 Datasheet HTML 4Page - Renesas Technology Corp 2SA1744 Datasheet HTML 5Page - Renesas Technology Corp 2SA1744 Datasheet HTML 6Page - Renesas Technology Corp 2SA1744 Datasheet HTML 7Page - Renesas Technology Corp 2SA1744 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
'DWD 6KHHW'(-9'6

6$
(/(&75,&$/ &+$5$&7(5,67,&6 7A
°°°°&
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector to emitter voltage
VCEO(SUS)
IC =
−8.0 A, IB = −0.8 A, L = 1 mH
−60
V
Collector to emitter voltage
VCEX(SUS)
IC =
−8.0 A, IB1 = −IB2 = −0.8 A,
VBE(OFF) = 1.5 V, L = 180
µH, clamped
−60
V
Collector cutoff current
ICBO
VCB =
−60 V, IE = 0
−10
µA
Collector cutoff current
ICER
VCE =
−60 V, RBE = 50 Ω, TA = 125°C
−1.0
mA
Collector cutoff current
ICEX1
VCE =
−60 V, VBE(OFF) = 1.5 V
−10
µA
Collector cutoff current
ICEX2
VCE =
−60 V, VBE(OFF) = 1.5 V,
TA = 125
°C
−1.0
mA
Emitter cutoff current
IEBO
VEB =
−5.0 V, IC = 0
−10
µA
DC current gain
hFE1*
VCE =
−2.0 V, IC = −1.5 A
100
DC current gain
hFE2*
VCE =
−2.0 V, IC = −3.0 A
100
400
DC current gain
hFE3*
VCE =
−2.0 V, IC = −8.0 A
60
Collector saturation voltage
VCE(sat)1*
IC =
−8.0 A, IB = −0.4 A
−0.3
V
Collector saturation voltage
VCE(sat)2*
IC =
−12 A, IB = −0.6 A
−0.5
V
Base saturation voltage
VBE(sat)1*
IC =
−8.0 A, IB = −0.4 A
−1.2
V
Base saturation voltage
VBE(sat)2*
IC =
−12 A, IB = −0.6 A
−1.5
V
Collector capacitance
Cob
VCB =
−10 V, IE = 0, f = 1.0 MHz
300
pF
Gain bandwidth product
fT
VCE =
−10 V, IC = −1.5 A
80
MHz
Turn-on time
ton
0.3
µs
Storage time
tstg
1.5
µs
Fall time
tf
IC =
−8.0 A, RL = 6.3 Ω,
IB1 =
−IB2 = −0.4 A, VCC ≅ −50 V
Refer to the test circuit.
0.3
µs
3XOVH WHVW3: ≤ 
µV GXW\F\FOH ≤ 
KFE &/$66,),&$7,21
Marking
M
L
K
hFE2
100 to 200
150 to 300
200 to 400
6:,7&+,1*7,0( WonWstg Wf 7(67 &,5&8,7
%DVH FXUUHQW
ZDYHIRUP
&ROOHFWRUFXUUHQW
ZDYHIRUP



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com