Electronic Components Datasheet Search
  English  ▼

X  

2SB772 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SB772
Description  PNP SILICON POWER TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SB772 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SB772 Datasheet HTML 1Page - Renesas Technology Corp 2SB772 Datasheet HTML 2Page - Renesas Technology Corp 2SB772 Datasheet HTML 3Page - Renesas Technology Corp 2SB772 Datasheet HTML 4Page - Renesas Technology Corp 2SB772 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
PNP SILICON POWER TRANSISTOR
2SB772
PNP SILICON POWER TRANSISTOR
DATA SHEET
Document No. D17118EJ3V0DS00 (3rd edition)
Date Published April 2008 NS
Printed in Japan
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
2004
DESCRIPTION
The 2SB772 is PNP silicon transistor suited for the output stage of 3 W
audio amplifier, voltage regulator, DC-DC converter and relay driver.
FEATURES
• Low saturation voltage
VCE(sat)
≤ −0.5 V (IC = −2.0 A, IB = −0.2 A)
• Excellent hFE linearity and high hFE
hFE2 = 60 to 400 (VCE =
−2.0 V, IC = −1.0 A)
• Less cramping space required due to small and thin package (TO-
126 (MP-5)) and reducing the trouble for attachment to a radiator.
No insulator bushing required.
ABSOLUTE MAXIMUM RATINGS
Maximum Temperature
Storage Temperature
−55 to +150°C
Junction Temperature
150
°C Maximum
Maximum Power Dissipation
Total Power Dissipation (TA = 25
°C)
1.0 W
Total Power Dissipation (TC = 25
°C)
10 W
Maximum Voltages and Currents (TA = 25
°C)
VCBO
Collector to Base Voltage
−40 V
VCEO
Collector to Emitter Voltage
−30 V
VEBO
Emitter to Base Voltage
−5.0 V
IC(DC)
Collector Current (DC)
−3.0 A
IC(pulse)
Note Collector Current (pulse)
−7.0 A
Note Pulse Test PW
≤ 350
μs, Duty Cycle ≤ 2%
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTIC
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
DC Current Gain
hFE1
VCE =
−2.0 V, IC = −20 mA
Note
30
220
DC Current Gain
hFE2
VCE =
−2.0 V, IC = −1.0 A
Note
60
160
400
Gain Bandwidth Product
fT
VCE =
−5.0 V, IC = −0.1 A
80
MHz
Output Capacitance
Cob
VCB =
−10 V, IE = 0 A, f = 1.0 MHz
55
pF
Collector Cutoff Current
ICBO
VCB =
−30 V, IE = 0 A
−1.0
μA
Emitter Cutoff Current
IEBO
VEB =
−3.0 V, IC = 0 A
−1.0
μA
Collector Saturation Voltage
VCE(sat)
IC =
−2.0 A, IB = −0.2 A
Note
−0.3
−0.5
V
Base Saturation Voltage
VBE(sat)
IC =
−2.0 A, IB = −0.2 A
Note
−1.0
−2.0
V
Note Pulse Test: PW
≤ 350
μs, Duty Cycle ≤ 2%
CLASSIFICATION OF hFE2
Rank
R
Q
P
E
Range
60 to 120
100 to 200
160 to 320
200 to 400
Remark Test Conditions: VCE =
−2.0 V, IC = −1.0 A
PACKAGE DRAWING (Unit: mm)
8.5 MAX.
3.2±0.2
12 TYP.
2.3 TYP.
2.3 TYP.
1.2 TYP.
0.55
2.8 MAX.
0.8
+0.08
–0.05
+0.08
–0.05
12
3
1: Emitter
2: Collector: connected to mounting plane
3: Base
<R>



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com