Electronic Components Datasheet Search
  English  ▼

X  

74HCT157 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HCT157
Description  Quad 2-input multiplexer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT157 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HCT157 Datasheet HTML 1Page - NXP Semiconductors 74HCT157 Datasheet HTML 2Page - NXP Semiconductors 74HCT157 Datasheet HTML 3Page - NXP Semiconductors 74HCT157 Datasheet HTML 4Page - NXP Semiconductors 74HCT157 Datasheet HTML 5Page - NXP Semiconductors 74HCT157 Datasheet HTML 6Page - NXP Semiconductors 74HCT157 Datasheet HTML 7Page - NXP Semiconductors 74HCT157 Datasheet HTML 8Page - NXP Semiconductors 74HCT157 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
74HC_HCT157
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 31 December 2010
2 of 18
NXP Semiconductors
74HC157; 74HCT157
Quad 2-input multiplexer
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC157N
40 C to +125 C
DIP16
plastic dual in-line package; 16 leads (300 mil)
SOT38-4
74HCT157N
74HC157D
40 C to +125 C
SO16
plastic small outline package; 16 leads; body width
3.9 mm
SOT109-1
74HCT157D
74HC157DB
40 C to +125 C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HCT157DB
74HC157PW
40 C to +125 C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74HCT157PW
74HC157BQ
40 C to +125 C
DHVQFN16
plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 16 terminals;
body 2.5
 3.5  0.85 mm
SOT763-1
74HCT157BQ
Fig 1.
Logic diagram
Fig 2.
logic symbol
1Y
1I1
1I0
2Y
2I1
2I0
3Y
3I1
3I0
mna484
4Y
4I1
4I0
S
E
mna481
S
1
15
12
9
7
4
13
14
10
11
6
5
3
2
E
1Y
1I1
1I0
2Y
2I1
2I0
3Y
3I1
3I0
4Y
4I1
4I0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com