Electronic Components Datasheet Search
  English  ▼

X  

C3840 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # C3840
Description  SILICON POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

C3840 Datasheet(HTML) 3 Page - Renesas Technology Corp

  C3840 Datasheet HTML 1Page - Renesas Technology Corp C3840 Datasheet HTML 2Page - Renesas Technology Corp C3840 Datasheet HTML 3Page - Renesas Technology Corp C3840 Datasheet HTML 4Page - Renesas Technology Corp C3840 Datasheet HTML 5Page - Renesas Technology Corp C3840 Datasheet HTML 6Page - Renesas Technology Corp C3840 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SILICON TRANSISTOR
2SC3840
NPN SILICON TRIPLE DIFFUSED TRANSISTOR
HIGH SPEED HIGH VOLTAGE SWITCHING
DATA SHEET
Document No. D18456EJ1V0DS00 (1st edition)
Date Published November 2006 NS CP(K)
Printed in Japan
2006
DESCRIPTION
The 2SC3840 is designed for use in high speed and high voltage switching.
It is suitable for switching regulators, DC-DC converters and ultrasonic appliance applications.
FEATURES
• High speed switching
• High voltage
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Collector to Base Voltage
VCBO
600
V
Collector to Emitter Voltage
VCEO
600
V
Emitter to Base Voltage
VEBO
7.0
V
Collector Current (DC)
IC(DC)
1.0
A
Collector Current (pulse)
Note
IC(pulse)
2.0
A
Total Power Dissipation (TC = 25
°C)
PT
15
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Note PW
≤ 300
μs, Duty Cycle ≤ 10%
PACKAGE DRAWING (Unit: mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com