Electronic Components Datasheet Search
  English  ▼

X  

ADP5587 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP5587
Description  Mobile I/O Expander and QWERTY Keypad Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5587 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP5587 Datasheet HTML 15Page - Analog Devices ADP5587 Datasheet HTML 16Page - Analog Devices ADP5587 Datasheet HTML 17Page - Analog Devices ADP5587 Datasheet HTML 18Page - Analog Devices ADP5587 Datasheet HTML 19Page - Analog Devices ADP5587 Datasheet HTML 20Page - Analog Devices ADP5587 Datasheet HTML 21Page - Analog Devices ADP5587 Datasheet HTML 22Page - Analog Devices ADP5587 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADP5587
Rev. B | Page 19 of 24
Table 27. GPIO_INT_ENx—Register 0x1A to Register 0x1C (GPIO Interrupt Enable)
Register Name
Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GPIO_INT_EN1
(Register 0x1A)
GPIO interrupt enable (enables interrupts for
GP inputs only)
R7IE
R6IE
R5IE
R4IE
R3IE
R2IE
R1IE
R0IE
GPIO_INT_EN2
(Register 0x1B)
GPIO interrupt enable (enables interrupts for
GP inputs only)
C7IE
C6IE
C5IE
C4IE
C3IE
C2IE
C1IE
C0IE
GPIO_INT_EN3
(Register 0x1C)
GPIO interrupt enable (enables interrupts for
GP inputs only)
N/A
N/A
N/A
N/A
N/A
N/A
C9IE
C8IE
Table 28. KP_GPIOx—Register 0x1D to Register 0x1F (Keypad or GPIO Selection)
Register Name
Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
KP_GPIO1
(Register 0x1D)
Keypad or GPIO selection
0: GPIO
1: KP matrix
R7
R6
R5
R4
R3
R2
R1
R0
KP_GPIO2
(Register 0x1E)
Keypad or GPIO selection
0: GPIO
1: KP matrix
C7
C6
C5
C4
C3
C2
C1
C0
KP_GPIO3
(Register 0x1F)
Keypad or GPIO selection
0: GPIO
1: KP matrix
N/A
N/A
N/A
N/A
N/A
N/A
C9
C8
Table 29. GPI_EM_REGx—Register 0x20 to Register 0x22 (GPI Event Mode 1 to GPI Event Mode 3)
Register Name
Register Description
Bit 7
Bit 6
Bit
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GPI_EM_REG1
(Register 0x20)
GPI Event Mode Register 1
0: GPI not part of event FIFO
1: GPI part of event FIFO (R0 to R7)
R7_EM
R6_EM
R5_EM
R4_EM
R3_EM
R2_EM
R1_EM
R0_EM
GPI_EM_REG2
(Register 0x21)
GPI Event Mode Register 2
0: GPI not part of event FIFO
1: GPI part of event FIFO (C0 to C7)
C7_EM
C6_EM
C5_EM
C4_EM
C3_EM
C2_EM
C1_EM
C0_EM
GPI_EM_REG3
(Register 0x22)
GPI Event Mode Register 3
0: GPI not part of event FIFO
1: GPI part of event FIFO (C8 to C9)
NA
NA
NA
NA
NA
NA
C9_EM
C8_EM
Table 30. GPIO_DIRx—Register 0x23 to Register 0x25 (GPIO Data Direction)
Register Name
Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GPIO_DIR1
(Register 0x23)
GPIO data direction
0: input
1: output
R7D
R6D
R5D
R4D
R3D
R2D
R1D
R0D
GPIO_DIR2
(Register 0x24)
GPIO data direction
0: input
1: output
C7D
C6D
C5D
C4D
C3D
C2D
C1D
C0D
GPIO_DIR3
(Register 0x25)
GPIO data direction
0: input
1: output
N/A
N/A
N/A
N/A
N/A
N/A
C9D
C8D
Table 31. GPIO_INT_LVLx—Register 0x26 to Register 0x28 (GPIO Level Detect)
Register Name
Register Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GPIO_INT_LVL1
(Register 0x26)
GPIO INT level detect
0: low
1: high
R7IL
R6IL
R5IL
R4IL
R3IL
R2IL
R1IL
R0IL
GPIO_INT_LVL2
(Register 0x27)
GPIO INT level detect
0: low
1: high
C7IL
C6IL
C5IL
C4IL
C3IL
C2IL
C1IL
C0IL
GPIO_INT_LVL3
(Register 0x28)
GPIO INT level detect
0: low
1: high
N/A
N/A
N/A
N/A
N/A
N/A
C9IL
C8IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com