Electronic Components Datasheet Search
  English  ▼

X  

AHV9001 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # AHV9001
Description  SILICON HYPERABRUPT VARACTOR DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

AHV9001 Datasheet(HTML) 1 Page - Advanced Semiconductor

  AHV9001 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
A = 25 °C
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
VBR
IR = 10 µA
22
V
IR
VR = 20 V
0.10
µA
Ct
VR = 4.0 V
f = 1.0 MHz
18
20
22
pF
Ct
VR = 8.0 V
f = 1.0 MHz
7.5
8.5
10.5
pF
Ct
VR = 20 V
f = 1.0 MHz
3.1
3.5
3.9
pF
CT4/CT20
f = 1.0 MHz
5.4
6.0
6.6
---
Q
VR = 1.0 V
f = 1.0 MHz
220
---
Notes:
1. DO-7 glass package for HF, VHF and UHF hyperabrupts.
2. Style 51 ceramic package for MICROWAVE Hyperabrupts.
SILICON HYPERABRUPT VARACTOR DIODE
AHV9001
PACKAGE STYLE 51
DESCRIPTION:
The
ASI AHV9001 is a Silicon
HyperabruptTuning Varactor Diode for
VHF operation.
FEATURES INCLUDE:
• Octave tunning from 4 to 20 V
• Ultra high Q
• Linnear frequency performance
versus voltage
MAXIMUM RATINGS
IF
50 mA
VR
22 V
PDISS
280 mW @ TC = 25 °C
TJ
-55 °C to +125 °C
TSTG
-55 °C to +125 °C


Similar Part No. - AHV9001

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
AHV9501-15 ASI-AHV9501-15 Datasheet
16Kb / 1P
SILICON VARACTOR DIODE
More results

Similar Description - AHV9001

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MV1401 ASI-MV1401 Datasheet
17Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6520-12 ASI-DKV6520-12 Datasheet
13Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
REV. A
DKV6510-12 ASI-DKV6510-12 Datasheet
15Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6522-12 ASI-DKV6522-12 Datasheet
27Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6522-24 ASI-DKV6522-24 Datasheet
27Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6522B ASI-DKV6522B Datasheet
31Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6533C ASI-DKV6533C Datasheet
25Kb / 1P
SILICON HYPERABRUPT VARACTOR DIODE
DKV6534B ASI-DKV6534B Datasheet
19Kb / 2P
SILICON HYPERABRUPT VARACTOR DIODE
logo
M/A-COM Technology Solu...
MAVR-0013XX MA-COM-MAVR-0013XX Datasheet
757Kb / 7P
Silicon Hyperabrupt Varactor Diode
MHV507-19-1 MA-COM-MHV507-19-1 Datasheet
548Kb / 4P
Silicon Hyperabrupt Varactor Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com