Electronic Components Datasheet Search
  English  ▼

X  

1N5259 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # 1N5259
Description  ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N5259 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  1N5259 Datasheet HTML 1Page - EIC discrete Semiconductors 1N5259 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N5221 - 1N5267
ZENER DIODES
VZ : 2.4 - 75 V
PD : 500 mW
FEATURES :
• Silicon planar power zener diodes.
• Standard zener voltage tolerance is ± 10%.
• Other tolerances are available upon request.
• These diodes are also available in MiniMELF case with
the type designation ZMM5221 ... ZMM5267
• Pb / RoHS Free
MECHANICAL DATA :
Case:
DO-35 Glass Case
Weight:
approx. 0.13g
Maximum Ratings and Thermal Characteristics
Rating at 25
°C ambient temperature unless otherwise specified
Symbol
Value
Unit
Zener Current see Table "Characteristics"
Maximum Forward Voltage at IF = 200 mA.
VF
1.1
V
Power Dissipation at Ta = 75
°C
PD
500
(1)
mW
Thermal Resistance Junction to Ambient Air
RθJA
300
(1)
°C/W
Junction temperature
TJ
175
°C
Storage temperature range
TSTG
-65 to + 175
°C
Note:
(1) Valid provided that leads at a distance of 3/8” from case are kept at ambient temperature.
Page 1 of 2
Rev. 03 : July 17, 2006
Parameter
DO - 35 Glass
(DO-204AH)
0.079(2.0 )max.
0.150 (3.8)
max.
0.020 (0.52)max.
Dimensions in inches and ( millimeters )
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - 1N5259

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N5259 SURGE-1N5259 Datasheet
88Kb / 2P
SILICON PLANAR ZENER DIODES?
logo
Seme LAB
1N5259 SEME-LAB-1N5259 Datasheet
15Kb / 2P
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Semtech Corporation
1N5259 SEMTECH-1N5259 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
1N5259 CHENYI-1N5259 Datasheet
66Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
General Semiconductor
1N5259 GE-1N5259 Datasheet
74Kb / 3P
ZENER DIODES
More results

Similar Description - 1N5259

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com