Electronic Components Datasheet Search
  English  ▼

X  

BLF248 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # BLF248
Description  VHF POWER MOSFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

BLF248 Datasheet(HTML) 1 Page - Advanced Semiconductor

  BLF248 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL MAXIMUM
UNITS
BVDSS
ID = 100 mA
65
V
IDSS
VDS = 28 V
VGS = 0 V
5.0
mA
IGSS
VDS = 0 V
VGS = 20 V
1.0
µµµµA
VGS(th)
VDS = 10 V
ID = 100 mA
1.0
5.0
V
gfs
VDS = 10 V
ID = 5.0 A
3,500
mS
Ciss
Coss
Crss
VDS = 50 V
VGS = 0 V
f = 1.0 MHz
380
190
25
pF
PG
ηηηη
D
VDD = 28 V
IDQ = 2 x 250 mA
Pout = 300 W
f = 225 MHz
10
50
11
55
dB
%
ψ
ψ
ψ
ψ
VSWR = 5:1 AT ALL PHASE ANGLES
NO DEGRADATION IN OUTPUT POWER
VHF POWER MOSFET
N-Channel Enhancement Mode
BLF248
PACKAGE STYLE .400 BAL FLG(D)
1 & 2 = DRAIN
3 & 4 = GATE
5 = SOURCE
ORDER CODE: ASI10495
DESCRIPTION:
The
ASI BLF248 is a Balanced
N-Channel Enhancement-Mode
RF Power MOSFET Designed for AM
and FM Power Amplifier Applications
up to 250 MHz.
FEATURES INCLUDE:
• PG = 11 dB Typical at 225 MHz
• 5:1 Load VSWR Capability
• Omnigold™ metalization system
MAXIMUM RATINGS
ID
40 A
VDSS
65 V
VGS
±40 V
PDISS
500 W @ TC = 25
OC
TJ
-65
OC to +150 OC
TSTG
-65
OC to +200 OC
θθθθ
JC
0.35
OC/W


Similar Part No. - BLF248

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF248 PHILIPS-BLF248 Datasheet
105Kb / 13P
VHF push-pull power MOS transistor
September 1992
BLF248 NXP-BLF248 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
eleflow technologies co...
BLF248 ELEFLOW-BLF248 Datasheet
90Kb / 2P
VHF push-pull power MOS transistor
logo
Quanzhou Jinmei Electro...
BLF248 JMNIC-BLF248_15 Datasheet
89Kb / 13P
VHF push-pull power MOS transistor
BLF248_2015 JMNIC-BLF248_2015 Datasheet
89Kb / 13P
VHF push-pull power MOS transistor
More results

Similar Description - BLF248

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
BLF145 ASI-BLF145 Datasheet
21Kb / 1P
VHF POWER MOSFET
BLF246 ASI-BLF246 Datasheet
21Kb / 1P
VHF POWER MOSFET
REV. A
BLF278 ASI-BLF278 Datasheet
103Kb / 7P
VHF POWER MOSFET
REV. B
MRF134 ASI-MRF134 Datasheet
19Kb / 1P
VHF POWER MOSFET
MRF134-39 ASI-MRF134-39 Datasheet
49Kb / 1P
VHF POWER MOSFET
VFT5-28 ASI-VFT5-28_07 Datasheet
38Kb / 2P
VHF POWER MOSFET
VFT15-28 ASI-VFT15-28_07 Datasheet
45Kb / 3P
VHF POWER MOSFET
VFT45-28 ASI-VFT45-28_07 Datasheet
44Kb / 2P
VHF POWER MOSFET
VFT150-50 ASI-VFT150-50_07 Datasheet
63Kb / 3P
VHF POWER MOSFET
VFT300-28 ASI-VFT300-28_07 Datasheet
39Kb / 1P
VHF POWER MOSFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com