Electronic Components Datasheet Search
  English  ▼

X  

BLV33 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # BLV33
Description  NPN SILICON RF POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

BLV33 Datasheet(HTML) 1 Page - Advanced Semiconductor

  BLV33 Datasheet HTML 1Page - Advanced Semiconductor BLV33 Datasheet HTML 2Page - Advanced Semiconductor BLV33 Datasheet HTML 3Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/3
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25°C
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 100 mA
33
V
BVCES
IC = 25 mA
65
V
BVEBO
IE = 10 mA
4.0
V
ICES
VCE = 30 V
10
mA
hFE
VCE = 25 V
IC = 3.0 A
15
100
---
Cc
Cre
Ccs
VCB = 25 V
f = 1.0 MHz
VCE = 25 V
IC = 100 mA
f = 1.0 MHz
VCE = 25 V
IC = 100 mA
f = 1.0 MHz
155
88
3.0
pF
fT
VCB = 25 V
IE = 3.0 A
VCB = 25 V
IE = 6.0 A
680
750
MHz
GP
VCE = 25 V
IC = 3.2 A
Pout = 19 W
f = 224.25 MHz
9.0
9.7
---
NPN SILICON RF POWER TRANSISTOR
BLV33
DESCRIPTION:
The
ASI BLV33 is a Common Emitter
Device Designed for Class A
Television Applications.
FEATURES INCLUDE:
• Gold Metalization
• Emitter Ballasting
MAXIMUM RATINGS
IC
12.5 A
VCESM
65 V
VCEO
33 V
PDISS
132 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
1.5 °C/W
PACKAGE STYLE .500 4L STUD
1 = COLLECTOR
2 & 4 = EMITTER
3 = BASE
ORDER CODE: ASI10498


Similar Part No. - BLV33

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLV33 PHILIPS-BLV33 Datasheet
130Kb / 20P
VHF linear power transistor
1996 Oct 10
logo
New Jersey Semi-Conduct...
BLV33 NJSEMI-BLV33 Datasheet
146Kb / 4P
VHP linear power transistor
logo
eleflow technologies co...
BLV33 ELEFLOW-BLV33 Datasheet
48Kb / 1P
VHF linear power transistor
logo
NXP Semiconductors
BLV33F PHILIPS-BLV33F Datasheet
148Kb / 20P
VHF linear power transistor
1996 Oct 10
logo
Advanced Semiconductor
BLV33F ASI-BLV33F Datasheet
23Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - BLV33

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com