Electronic Components Datasheet Search
  English  ▼

X  

BLV99 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # BLV99
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

BLV99 Datasheet(HTML) 1 Page - Advanced Semiconductor

  BLV99 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 1.0mA
45
V
BVCER
IC = 10 mA
RBE = 10
Ω
45
V
BVEBO
IE = 1.0 mA
3.5
V
ICBO
VEB = 5.0 V
1.0
mA
hFE
VCE = 5 V
IC = 100 mA
20
---
COB
VCB = 24 V
f = 1.0 MHz
3.5
pF
PG
VCE = 20 V
IC = 150 mA
f = 860 MHz
12
dB
IMD1
VCE = 20 V
IC = 150 mA
f = 860 MHz
Pout = 0.5 W
-58
dBc
PACKAGE STYLE 205 4L STUD
1 = COLLECTOR
2 & 4 = EMITTER
3 = BASE
NPN SILICON RF POWER TRANSISTOR
BLV99
DESCRIPTION:
The
ASI BLV99 is a Common Emitter
Device Designed for Amplifier
Applications up to 860 MHz.
FEATURES INCLUDE:
•••• Gold Metallization
•••• Emitter Ballasting
•••• High Gain
MAXIMUM RATINGS
IC
300 mA
VCBO
45 V
VCEO
25 V
VEBO
3.5 V
PDISS
5.3 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °Cto +150 °C
θθθθ
JC
33 °C/W


Similar Part No. - BLV99

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLV99 PHILIPS-BLV99 Datasheet
70Kb / 10P
UHF power transistor
September 1991
logo
New Jersey Semi-Conduct...
BLV99 NJSEMI-BLV99 Datasheet
133Kb / 2P
UHF power transistor
logo
eleflow technologies co...
BLV99 ELEFLOW-BLV99 Datasheet
43Kb / 1P
UHF power transistor
logo
NXP Semiconductors
BLV99SL PHILIPS-BLV99SL Datasheet
70Kb / 10P
UHF power transistor
September 1991
logo
New Jersey Semi-Conduct...
BLV99SL NJSEMI-BLV99SL Datasheet
133Kb / 2P
UHF power transistor
More results

Similar Description - BLV99

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com