Electronic Components Datasheet Search
  English  ▼

X  

BLW32 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # BLW32
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

BLW32 Datasheet(HTML) 1 Page - Advanced Semiconductor

  BLW32 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCES
IC = 2.0 mA
50
V
BVCEO
IC = 15 mA
30
V
BVEBO
IE = 1.0 mA
4.0
V
ICES
VCE = 30 V
0.5
mA
hFE
VCE = 25 V
IC = 150 mA
20
120
---
PG
IMD1
VCE = 25 V
IC = 150 mA
f = 860 MHz
POUT = 0.5 W
11
-60
dB
dBc
NPN SILICON RF POWER TRANSISTOR
BLW32
DESCRIPTION:
The ASI BLW32 is Designed for
Television Band IV & V
Applications up to 860 MHz.
FEATURES:
•••• Common Emitter
• P
G = 11 dB at 0.5 W/ 860 MHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
1.0 A
VCBO
50 V
VCEO
30 V
VEBO
4.0 V
PDISS
10.8 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
16 °C/W
PACKAGE STYLE .280 4L STUD
ORDER CODE: ASI10677
MINIMUM
inches / mm
.003 / 0.08
.270 / 6.86
.117 / 2.97
B
C
D
E
F
G
A
MAXIMUM
.285 / 7.24
.137 / 3.48
.007 / 0.18
inches / mm
H
.245 / 6.22
.255 / 6.48
DIM
1.010 / 25.65
1.055 / 26.80
I
J
.217 / 5.51
.220 / 5.59
K
.175 / 4.45
.285 / 7.24
.275 / 6.99
.572 / 14.53
.640 / 16.26
.130 / 3.30
.230 /5.84
G
K
H
F
E
D
C
B
45°
A
#8-32 UNC
I
J
E
E
C
B


Similar Part No. - BLW32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLW32 PHILIPS-BLW32 Datasheet
81Kb / 12P
UHF linear power transistor
August 1986
logo
New Jersey Semi-Conduct...
BLW32 NJSEMI-BLW32 Datasheet
92Kb / 3P
UHF linear power transistor
More results

Similar Description - BLW32

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com