Electronic Components Datasheet Search
  English  ▼

X  

BLW34 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # BLW34
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

BLW34 Datasheet(HTML) 1 Page - Advanced Semiconductor

  BLW34 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV 0
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 60 mA
30
V
BVCES
IC = 8.0 mA
VBE = 0 V
50
V
BVEBO
IE = 4.0 mA
4
V
ICES
VCE = 30 V
2
mA
hFE
VCE = 25 V
IC = 600 mA
20
40
---
Cc
Cre
Ccs
VCB = 25 V
f = 1.0 MHz
13.5
8.4
1.2
pF
GP
VCE = 25 V
IC = 600 mA
f = 224 MHz
POUT 2.15 W
10.2
dB
NPN SILICON RF POWER TRANSISTOR
BLW34
DESCRIPTION:
The
ASI BLW34 is Designed for use
in UHF amplifiers up to 860 MHz.
FEATURES:
• P
G = 10.2 dB Typical at 860 MHz
•••• Omnigold™ Metallization System
MAXIMUM RATINGS
IC
3.5 A
VCB
50 V
PDISS
31 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
5.6 °C/W
PACKAGE STYLE .280 4L STUD
MIN IMU M
in ches / m m
.003 / 0 . 0 8
.270 / 6 . 8 6
.117 / 2 . 9 7
B
C
D
E
F
G
A
MA X IMU M
.285 / 7 . 2 4
.137 / 3 . 4 8
.007 / 0 . 1 8
in ches / m m
H
.245 / 6 . 2 2
.255 / 6 . 4 8
DIM
1 .0 1 0 / 2 5 .6 5
1 .0 5 5 / 2 6 .8 0
I
J
.217 / 5 . 5 1
.220 / 5 . 5 9
K
.175 / 4 . 4 5
.285 / 7 . 2 4
.275 / 6 . 9 9
.572 / 14 . 5 3
.640 / 16 . 2 6
.130 / 3 . 3 0
.230 /5 .8 4
G
K
H
F
E
D
C
B
4 5 °
A
#8 - 32 U N C
I
J
E
E
B
C


Similar Part No. - BLW34

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLW34 PHILIPS-BLW34 Datasheet
80Kb / 12P
UHF linear power transistor
August 1986
logo
New Jersey Semi-Conduct...
BLW34 NJSEMI-BLW34 Datasheet
125Kb / 4P
UHF linear power transistor
More results

Similar Description - BLW34

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com