Electronic Components Datasheet Search
  English  ▼

X  

BLW50F Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # BLW50F
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

BLW50F Datasheet(HTML) 1 Page - Advanced Semiconductor

  BLW50F Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCES
IC = 100 mA
110
V
BVCE0
IC = 200 mA
55
V
BVEBO
IE = 10 mA
4.0
V
ICES
VCE = 55 V
10
mA
hFE
VCE = 6.0 V
IC = 1.4 A
19
---
50
---
Cob
VCB = 50 V
f = 1.0 MHz
100
pF
GP
IMD3
ηηηη
C
VCE = 50 V
POUT = 75 W(PEP)
14
---
37
---
-30
dB
dBc
%
NPN SILICON RF POWER TRANSISTOR
BLW50F
DESCRIPTION:
The
ASI BLW50F is Designed for
use in transmitters in the HF and VHF
band applications up tp 30 MHz.
FEATURES:
• P
G = 14 dB min. at 75 W/30 MHz
• IMD
3 = 50 dBc max. at 75 W(PEP)
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
3.25 A
VCBO
110 V
VCEO
55 V
VEBO
4.0 V
PDISS
87 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
2.0 °C/W
PACKAGE STYLE .500 4L FLG
1 = COLLECTOR 2 = BASE
3 & 4 = EMITTER
ORDER CODE: ASI10834


Similar Part No. - BLW50F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLW50F PHILIPS-BLW50F Datasheet
75Kb / 12P
HF/VHF power transistor
August 1986
logo
New Jersey Semi-Conduct...
BLW50F NJSEMI-BLW50F Datasheet
83Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
eleflow technologies co...
BLW50F ELEFLOW-BLW50F Datasheet
39Kb / 1P
HF/VHF power transistor
More results

Similar Description - BLW50F

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com