Electronic Components Datasheet Search
  English  ▼

X  

BLW76 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # BLW76
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

BLW76 Datasheet(HTML) 1 Page - Advanced Semiconductor

  BLW76 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 50 mA
35
V
BVCER
IC = 50 mA
RBE = 10
Ω
60
V
BVEBO
IE = 10 mA
4.0
V
ICES
VE = 28 V
5.0
mA
hFE
VCE = 5.0 V
IC = 1.0 A
10
100
---
Cob
VCB = 28 V
f = 1.0 MHz
80
pF
GPE
IMD3
VCE = 25 V
ICQ = 3.2 A
f = 225 MHz
PREF = 16 W
Vision = -8 dB
Snd. = -7 dB
Side Band = -16 dB
13.5
14.5
-55
dB
dBc
NPN SILICON RF POWER TRANSISTOR
BLW76
DESCRIPTION:
The
ASI BLW76 is Designed for use
in class-AB or class-B operated high
power transmitters in the H.F. and
V.H.F bands and, as a Linear amplifier
in the H.F. band.
FEATURES:
• P
G = 18 dB min. at 75 W/30 MHz
• IMD
3 = -30 dBc max. at 75 W (PEP)
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
10 A
VCB
60 V
VCE
35 V
PDISS
140 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθθθ
JC
1.05
OC/W
PACKAGE STYLE .380 4L FLG
MINIMUM
inches / mm
.970 / 24.64
B
C
D
E
F
G
A
MAXIMUM
.385 / 9.78
.980 / 24.89
inches / mm
H
.160 / 4.06
.180 / 4.57
DIM
.220 / 5.59
.230 / 5.84
.105 / 2.67
.085 / 2.16
I
J
.240 / 6.10
.255 / 6.48
.785 / 19.94
F
B
G
.125
Ø.125 NOM.
FULL R
D
E
C
H
.112 x 45°
A
I
J
.004 / 0.10
.006 / 0.15
.280 / 7.11
.720 / 18.29
.730 / 18.54
E
E
C
B


Similar Part No. - BLW76

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLW76 PHILIPS-BLW76 Datasheet
90Kb / 15P
HF/VHF power transistor
August 1986
logo
New Jersey Semi-Conduct...
BLW76 NJSEMI-BLW76 Datasheet
80Kb / 1P
NPN SILICON RF POWER TRANSISTOR
logo
eleflow technologies co...
BLW76 ELEFLOW-BLW76 Datasheet
60Kb / 2P
HF/VHF power transistor
More results

Similar Description - BLW76

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com