Electronic Components Datasheet Search
  English  ▼

X  

BLW77 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # BLW77
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

BLW77 Datasheet(HTML) 1 Page - Advanced Semiconductor

  BLW77 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 100 mA
35
V
BVCES
IC = 50 mA
70
V
BVEBO
IE = 20 mA
3.0
V
ICES
VE = 35 V
20
mA
hFE
VCE = 5.0 V
IC = 7.0 A
15
80
---
Cc
VCB = 28 V
f = 1.0 MHz
225
pF
GP
d3
η
VCE = 28 V
IC(ZS) = 0.1 A
f = 1.6-28 MHz
PL = 15-130 W (PEP)
12
37.5
-30
dB
dB
%
NPN SILICON RF POWER TRANSISTOR
BLW77
DESCRIPTION:
The
ASI BLW77 is Designed for use in
class-AB or class-B operated high power
transmitters in the H.F. and V.H.F bands
and, as a Linear amplifier in the H.F.
band.
FEATURES:
• P
G = 12 dB min. at 15-30 W/1.6-28 MHz
• Common Emitter
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
12 A
VCB
70 V
VCE
35 V
PDISS
245 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θ
JC
0.71 °C/W
PACKAGE STYLE .500 4L FLG
1 = COLLECTOR
2 = BASE
3 & 4 = EMITTER


Similar Part No. - BLW77

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLW77 PHILIPS-BLW77 Datasheet
117Kb / 17P
HF/VHF power transistor
August 1986
logo
eleflow technologies co...
BLW77 ELEFLOW-BLW77 Datasheet
61Kb / 2P
HF/VHF power transistor
More results

Similar Description - BLW77

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com