Electronic Components Datasheet Search
  English  ▼

X  

BLW96 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # BLW96
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

BLW96 Datasheet(HTML) 1 Page - Advanced Semiconductor

  BLW96 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCES
IC = 50 mA
110
V
BVCEO
IC = 200 mA
55
V
BVEBO
IE = 20 mA
4.0
V
ICES
VCE = 55 V
10
mA
hFE
VCE = 5.0 V
IC = 7.0 A
15
50
---
VCE
IC = 20 A
IC = 4.0 A
1.9
V
CC
VCB = 50 V
f = 1.0 MHz
280
pF
GP
IMD3
ηηηη
C
VCE = 50 V
ICQ =100 mA
POUT = 200 W(PEP)
13.5
40
-30
dB
dBc
%
NPN SILICON RF POWER TRANSISTOR
BLW96
DESCRIPTION:
The
ASI BLW96 is Designed for
High Linearity Class A, AB HF Power
Amplifier Applications up to 30 MHz.
FEATURES:
• P
G = 14 dB Typical at 200 W/28 MHz
• IMD
3 = -32 dBc Typ. at 220 W(PEP)
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
12 A
VEES
110 V
VCEO
55 V
VEBO
4.0 V
PDISS
320 W @ TC = 25
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθθθ
JC
0.7
OC/W
PACKAGE STYLE .500 4L FLG
ORDER CODE: ASI10826
MINIMUM
inches / mm
.220 / 5.59
.720 / 18.28
.125 / 3.18
.245 / 6.22
.970 / 24.64
B
C
D
E
F
G
A
MAXIMUM
.255 / 6.48
.980 / 24.89
.7.30 / 18.54
inches / mm
.230 / 5.84
H
.003 / 0.08
.007 / 0.18
DIM
K
L
I
J
.090 / 2.29
.150 / 3.81
.980 / 24.89
.110 / 2.79
.175 / 4.45
1.050 / 26.67
H
I
K
J
.112x45°
FULL R
C
E
B
G
D
F
A
L
Ø.125 NOM.
.125 / 3.18
.495 / 12.57
.505 / 12.83
.280 / 7.11
E
E
C
B


Similar Part No. - BLW96

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLW96 PHILIPS-BLW96 Datasheet
89Kb / 14P
HF/VHF power transistor
August 1986
logo
New Jersey Semi-Conduct...
BLW96 NJSEMI-BLW96 Datasheet
127Kb / 4P
HF/VHF power transistor
logo
eleflow technologies co...
BLW96 ELEFLOW-BLW96 Datasheet
53Kb / 1P
HF/VHF power transistor
More results

Similar Description - BLW96

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com