Electronic Components Datasheet Search
  English  ▼

X  

MRF136 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MRF136
Description  RF POWER FIELD-EFFECT TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MRF136 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MRF136 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
V(BR)DSS
ID = 5.0 mA
VGS = 0 V
65
V
IDSS
VDS = 28 V
VGS = 0 V
2.0
mA
IGSS
VDS = 0 V
VGS = 40 V
1.0
µµµµA
VGS(th)
ID = 25 mA
VDS = 10 V
1.0
3.0
6.0
V
gfs
ID = 250 mA
VDS = 10 V
250
400
mmhos
Ciss
Coss
Crss
VDS = 28 V
VGS = 0 V
f = 1.0 MHz
24
5.5
25
pF
NF
VDS = 28 V
ID = 0.5 A
f = 150 MHz
1.0
dB
Gps
ηηηη
VDD = 28 V
Pout = 15 W
f = 150 MHz
IDQ = 25 mA
12
50
16
60
dB
%
ψ
ψ
ψ
ψ
VDD = 28 V
Pout = 15 W
f = 150 MHz
IDQ = 25 mA
VSWR 30:1 @ ALL PHASE ANGLES
NO DEGRADATION IN OUTPUT POWER
RF POWER FIELD-EFFECT TRANSISTOR
MRF136
DESCRIPTION:
The
ASI MRF136 is a N-Channel
Enhancement MOSFET, Designed for
Wideband Large Signal Amplifier
Applications up to 400 MHz.
MAXIMUM RATINGS
ID
2.5 A
VDSS
65 V
PDISS
50 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
3.6 °C/W
PACKAGE STYLE .380 4L FLG
1 = DRAIN
2 = GATE
3 & 4 = SOURCE


Similar Part No. - MRF136

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF136 MOTOROLA-MRF136 Datasheet
284Kb / 12P
N-CHANNEL MOS BROADBAND RF POWER FETs
logo
Tyco Electronics
MRF136 MACOM-MRF136 Datasheet
340Kb / 11P
N-CHANNEL MOS BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF136 MA-COM-MRF136 Datasheet
604Kb / 12P
The RF MOSFET Line 15W, to 400MHz, 28V
MRF136 MA-COM-MRF136 Datasheet
604Kb / 12P
The RF MOSFET Line
logo
New Jersey Semi-Conduct...
MRF136 NJSEMI-MRF136 Datasheet
80Kb / 2P
RF Power Field-Effect Transistors
More results

Similar Description - MRF136

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF377 MOTOROLA-MRF377 Datasheet
1Mb / 12P
RF POWER FIELD EFFECT TRANSISTOR
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
RF Power Field Effect Transistor
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
RF Power Field Effect Transistor
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
RF FIELD-EFFECT POWER TRANSISTOR
logo
Freescale Semiconductor...
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
RF Power Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com