Electronic Components Datasheet Search
  English  ▼

X  

MRF137 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MRF137
Description  RF POWER FIELD-EFFECT TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MRF137 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MRF137 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
V(BR)DSS
ID = 10 mA
VGS = 0 V
65
V
IDSS
VDS = 28 V
VGS = 0 V
4.0
mA
IGSS
VDS = 0 V
VGS = 20 V
1.0
µµµµA
VGS(th)
ID = 25 mA
VDS = 10 V
1.0
3.0
6.0
V
gfs
ID = 500 mA
VDS = 10 V
500
750
mmhos
Ciss
Coss
Crss
VDS = 28 V
VGS = 0 V
f = 1.0 MHz
48
11
45
pF
NF
VDS = 28 V
ID = 1.0 A
f = 150 MHz
1.5
dB
Gps
ηηηη
VDD = 28 V
Pout = 30 W
f = 150 MHz
IDQ = 25 mA
12
50
16
60
dB
%
ψ
ψ
ψ
ψ
VDD = 28 V
Pout = 30 W
f = 150 MHz
IDQ = 25 mA
VSWR 30:1 @ ALL PHASE ANGLES
NO DEGRADATION IN OUTPUT POWER
RF POWER FIELD-EFFECT TRANSISTOR
MRF137
DESCRIPTION:
The
ASI MRF137 is a N-Channel
Enhancement MOSFET, Designed for
Wideband Large Signal Output and
Driver Stage Applications up to
400 MHz.
MAXIMUM RATINGS
ID
5.0 A
VDSS
65 V
PDISS
100 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
1.75 °C/W
PACKAGE STYLE
1 = DRAIN
2 = GATE
3 & 4 = SOURCE


Similar Part No. - MRF137

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF137 MOTOROLA-MRF137 Datasheet
196Kb / 10P
N-CHANNEL MOS BROADBAND RF POWER FET
logo
Tyco Electronics
MRF137 MACOM-MRF137 Datasheet
213Kb / 9P
N-CHANNEL MOS BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF137 MA-COM-MRF137 Datasheet
437Kb / 11P
The RF MOSFET Line 30W, to 400MHz, 28V
MRF137 MA-COM-MRF137 Datasheet
404Kb / 11P
The RF MOSFET Line 30W, to 400MHz, 28V
logo
NXP Semiconductors
MRF13750H NXP-MRF13750H Datasheet
505Kb / 19P
RF Power LDMOS Transistors
Rev. 1, 01/2018
More results

Similar Description - MRF137

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
RF Power Field Effect Transistor
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
RF Power Field Effect Transistor
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
RF POWER FIELD-EFFECT TRANSISTOR
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
RF FIELD-EFFECT POWER TRANSISTOR
logo
Freescale Semiconductor...
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
RF Power Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com