Electronic Components Datasheet Search
  English  ▼

X  

MRF182 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MRF182
Description  RF POWER FET TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MRF182 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MRF182 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25 °C
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL MAXIMUM
UNITS
BVDSS
ID = 1.0 µA
65
V
IDSS
VDS = 28 V
VGS = 0 V
1.0
µA
IGSS
VDS = 0 V
VGS = 20 V
1.0
µA
VGS(th)
VDS = 10 V
ID = 100 µA
2.0
3.0
4.0
V
VGS(Q)
VDS = 28 V
ID = 50 mA
3.0
4.0
5.0
V
VDS(on)
VGS = 10 V
ID = 3.0 A
0.9
1.2
V
gfs
VDS = 10 V
ID = 3.0 A
1.6
1.8
S
Ciss
Coss
Crss
VDS = 28 V
VGS = 0 V
f = 1.0 MHz
56
28
2.5
pF
GPS
η
VDD = 28 V
POUT = 30 W
f = 945 MHz
IDQ = 50 mA
11
50
14
58
dB
%
RF POWER FET TRANSISTOR
MRF182
PACKAGE STYLE .350 2L FLG
DESCRIPTION:
The ASI MRF182 is an RF power field
effect transistor, N-Channel
Enhancement-Mode lateral MOSFET.
FEATURES INCLUDE:
• Bradband performance from HF to 1
GHz
• Omnigold™ Metalization System
• High Gain, Rugged device.
MAXIMUM RATINGS
VDSS
65 V
VGS
±20 V
PD
74 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θ
JC
1.75 °C/W


Similar Part No. - MRF182

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF182 MOTOROLA-MRF182 Datasheet
133Kb / 8P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF182S MOTOROLA-MRF182S Datasheet
133Kb / 8P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
More results

Similar Description - MRF182

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPLST1617-030CF MA-COM-MAPLST1617-030CF Datasheet
181Kb / 6P
LDMOS RF Line Power FET Transistor
MRF134 MA-COM-MRF134_15 Datasheet
498Kb / 12P
Broadband RF Power FET
MRF141 MA-COM-MRF141_15 Datasheet
337Kb / 11P
RF Power FET
MRF141G MA-COM-MRF141G_15 Datasheet
431Kb / 11P
RF Power FET
MRF148A MA-COM-MRF148A_15 Datasheet
285Kb / 7P
Linear RF Power FET
MRF150 MA-COM-MRF150_15 Datasheet
285Kb / 9P
RF Power FET
MAPLST1617-030CF MA-COM-MAPLST1617-030CF_15 Datasheet
181Kb / 6P
LDMOS RF Line Power FET Transistor
logo
Mitsubishi Electric Sem...
2SK2973 MITSUBISHI-2SK2973 Datasheet
37Kb / 3P
RF POWER MOS FET
logo
M/A-COM Technology Solu...
MRF141 MA-COM-MRF141_17 Datasheet
839Kb / 12P
RF Power FET
MRF148A MA-COM-MRF148A_17 Datasheet
711Kb / 8P
Linear RF Power FET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com