Electronic Components Datasheet Search
  English  ▼

X  

MRF326 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MRF326
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MRF326 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MRF326 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 50 mA
30
V
BVCES
IC = 50 mA
60
V
BVEBO
IE = 5.0 mA
4.0
V
ICBO
VCE = 30 V
5.0
mA
hFE
VCE = 5.0 V
IC = 2.0 A
10
80
---
COB
VCB = 28 V
f = 1.0 MHz
80
pF
PG
ηηηη
C
VCC = 28 V
POUT = 40 W
f = 400 MHz
8.5
60
dB
%
NPN SILICON RF POWER TRANSISTOR
MRF326
DESCRIPTION:
The
ASI MRF326 is Designed for
High Power Class C Amplifier in, 225
to 400 MHz Military Communication
Equipment.
FEATURES:
• Internal Input Matching Network
• P
G = 8.5 dB at 40 W/400 MHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
8.0 A
VCBO
60 V
VCEO
30 V
VCES
60 V
VEBO
4.0 V
PDISS
140 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
1.25 °C/W
PACKAGE STYLE .500 6L FLG
MIN IMU M
inche s / m m
.490 / 12.45
.210 / 5.3 3
.003 / 0.0 8
B
C
D
E
F
G
A
MAX IMU M
.220 / 5.5 9
.007 / 0.1 8
.510 / 12.95
inche s / m m
.725 / 18.42
H
DIM
K
L
I
J
.970 / 24.64
.980 / 24.89
.170 / 4.3 2
N
M
.120 / 3.0 5
.135 / 3.4 3
.150 / 3.4 3
.160 / 4.0 6
.125 / 3.1 8
.090 / 2.2 9
.105 / 2.6 7
.285 / 7.2 4
.150 / 3.8 1
.045 / 1.1 4
E
F
.7 25/18 ,4 2
I
G
J
K
L
M
A
D
C
B
2x Ø N
FU LL R
H
.835 / 21.21
.865 / 21.97
.210 / 5.3 3
.200 / 5.0 8


Similar Part No. - MRF326

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF326 MOTOROLA-MRF326 Datasheet
107Kb / 6P
BROADBAND RF POWER TRANSISTOR NPN SILICON
More results

Similar Description - MRF326

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com