Electronic Components Datasheet Search
  English  ▼

X  

MRF464 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MRF464
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MRF464 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MRF464 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. E
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCES
IC = 100 mA
65
V
BVCEO
IC = 100 mA
35
V
BVEBO
IE = 10 mA
2.5
V
ICES
VCE = 28 V
10
mA
hFE
VCE = 5.0 V
IC = 5.0 A
10
200
---
COB
VCB = 28 V
f = 1.0 MHz
200
pF
GPE
η
C
VCC = 28 V
f = 30.000 & 30.001 MHz
POUT = 80 W(PEP)
15
40
dB
%
NPN SILICON RF POWER TRANSISTOR
MRF464
DESCRIPTION:
The
ASI MRF464 is Designed for 28
Volt Power Amplifier Applications up to
30 MHz.
FEATURES INCLUDE:
• P
G = 15 dB Min. @ 30MHz & 80W
• Common Emitter
MAXIMUM RATINGS
IC
10 A
VCB
65 V
VCE
35 V
VEB
2.5 V
PDISS
250 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θ
JC
0.7 °C/W
PACKAGE STYLE .500" 4L FLANGE
1 = COLLECTOR
2 = BASE
3 & 4 = EMITTER


Similar Part No. - MRF464

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF464 MOTOROLA-MRF464 Datasheet
104Kb / 6P
RF POWER TRANSISTOR NPN SILICON
logo
eleflow technologies co...
MRF464 ELEFLOW-MRF464 Datasheet
49Kb / 1P
NPN Silicon RF power transistor
More results

Similar Description - MRF464

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com