Electronic Components Datasheet Search
  English  ▼

X  

MRF545 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MRF545
Description  PNP SILICON HIGH FREQUENCY TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MRF545 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MRF545 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TA = 25 °C
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
BVCEO
IC = 1.0 mA
70
V
BVCBO
IC = 100
µA
100
V
BVEBO
IE = 100
µA
3.0
V
ICBO
VCE = 80 V
20
µµµµA
ICES
VCE = 80 V
1.0
100
µA
hFE
VCE = 6.0 V
IC = 50 mA
15
---
ft
VCB = 25 V
IC = 50 mA
f = 250 MHz
1000
1400
MHz
COB
VCB = 10 V
f = 1.0 MHz
2.5
pF
GU max
MAG
[S21]
2
VCB = 25 V
IC = 50 mA
f = 200 MHz
11.5
14
14.5
12.5
dB
dB
dB
PNP SILICON HIGH FREQUENCY TRANSISTOR
MRF545
DESCRIPTION:
The
ASI MRF545 is designed for
High Frequency and medium and high
resolution color video display monitors
as well as other Applications requiring
high breakdown characteristics.
MAXIMUM RATINGS
IC
400 mA
VCE
70 V
VCB
100 V
PDISS
3.5 W @ TC = 25 °C
20 mW/°C @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +200 °C
θθθθ
JC
50 °C/W
PACKAGE STYLE TO-39
1 = EMITTER
2 = BASE
3 = COLLECTOR (CASE)


Similar Part No. - MRF545

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MRF545 MICROSEMI-MRF545 Datasheet
87Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results

Similar Description - MRF545

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBR4957LT1 MOTOROLA-MMBR4957LT1 Datasheet
66Kb / 4P
PNP Silicon High-Frequency Transistor
logo
Advanced Monolithic Sys...
AMS264 ADMOS-AMS264 Datasheet
22Kb / 3P
PNP SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE97733 NEC-NE97733 Datasheet
45Kb / 5P
PNP SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
CM5583 CENTRAL-CM5583 Datasheet
67Kb / 2P
PNP HIGH FREQUENCY SILICON TRANSISTOR
logo
Motorola, Inc
MM4019 MOTOROLA-MM4019 Datasheet
62Kb / 2P
HIGH FREQUENCY TRANSISTOR PNP SILICON
logo
Central Semiconductor C...
CM4957 CENTRAL-CM4957 Datasheet
108Kb / 2P
PNP HIGH FREQUENCY SILICON TRANSISTOR
CM5160 CENTRAL-CM5160 Datasheet
76Kb / 2P
PNP HIGH FREQUENCY SILICON TRANSISTOR
logo
California Eastern Labs
NE97833 CEL-NE97833 Datasheet
170Kb / 6P
PNP SILICON HIGH FREQUENCY TRANSISTOR
NE97733 CEL-NE97733 Datasheet
477Kb / 5P
PNP SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
CM4957 CENTRAL-CM4957_15 Datasheet
112Kb / 2P
PNP HIGH FREQUENCY SILICON TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com