Electronic Components Datasheet Search
  English  ▼

X  

MRF586 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MRF586
Description  NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MRF586 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MRF586 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TA = 25 OC
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
BVCEO
IC = 5.0 mA
17
V
BVCBO
IC = 1.0 mA
34
V
BVEBO
IE = 100
µA
2.5
V
ICBO
VCB = 10 V
50
µµµµA
hFE
VCE = 5.0 V
IC = 50 mA
50
200
---
ft
VCE = 15 V
IC = 90 mA
f = 500 MHz
4500
MHz
COB
VCB = 10 V
f = 1.0 MHz
2.2
pF
NF
VCE = 15 V
IC = 90 mA
f = 300 MHz
3.0
dB
TB3
VCE = 15 V
IC = 90 mA
f = 500 MHz
-65
dB
DIN
VCE = 15 V
IC = 90 mA
f = 500 MHz
-120
dB
µµµµV
GUmax
VCE = 15 V
IC = 90 mA
f = 500 MHz
14.5
dB
NPN SILICON HIGH FREQUENCY TRANSISTOR
MRF586
DESCRIPTION:
The
MRF586 is a High Frequency
Transistor Designed for High Gain Low
Noise CATV, and MATV Amplifier
Applications.
MAXIMUM RATINGS
IC
200 mA
VCE
17 V
PDISS
2.5 W @ TC = 50
OC
TJ
-65
OC to +200 OC
TSTG
-65
OC to +200 OC
θθθθ
JC
70
OC/W
PACKAGE STYLE TO-39
Ø A
Ø D
45°
C
B
F
E
G
H
MINIMUM
inches / mm
.029 / 0.740
.335 / 8.510
.200 / 5.080
.028 / 0.720
.305 / 7.750
.240 / 6.100
B
C
D
E
F
G
A
MAXIMUM
.034 / 0.860
.335 / 8.500
.260 / 6.600
.370 / 9.370
inches / mm
.045 / 1.140
.500 / 12.700
H
.016 / 0.407
.020 / 0.508
DIM
1 = EMITTER
2 = BASE
3 = COLLECTOR(CASE)


Similar Part No. - MRF586

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MRF586 MICROSEMI-MRF586 Datasheet
198Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Power Technolo...
MRF586 ADPOW-MRF586 Datasheet
299Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results

Similar Description - MRF586

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
REV. A
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
UPA810T CEL-UPA810T Datasheet
207Kb / 3P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179_06 Datasheet
42Kb / 3P
High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
New Jersey Semi-Conduct...
2N6376 NJSEMI-2N6376 Datasheet
117Kb / 1P
NPN SILICON HIGH-FREQUENCY TRANSISTOR
logo
California Eastern Labs
UPA801T CEL-UPA801T_09 Datasheet
462Kb / 7P
NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA802T CEL-UPA802T_09 Datasheet
606Kb / 9P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Central Semiconductor C...
CM5943 CENTRAL-CM5943_15 Datasheet
97Kb / 2P
NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com